Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 49 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 45Page - SMSC Corporation EMC6D103 Datasheet HTML 46Page - SMSC Corporation EMC6D103 Datasheet HTML 47Page - SMSC Corporation EMC6D103 Datasheet HTML 48Page - SMSC Corporation EMC6D103 Datasheet HTML 49Page - SMSC Corporation EMC6D103 Datasheet HTML 50Page - SMSC Corporation EMC6D103 Datasheet HTML 51Page - SMSC Corporation EMC6D103 Datasheet HTML 52Page - SMSC Corporation EMC6D103 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
Chapter 8 Register Set
Definition for the Lock and Start columns:
Yes = Register is made read-only when the related bit is set; No = Register is not made read-only when the related bit is set.
Table 8.1 Register Summary
Reg
Addr
Read
/Write
Reg Name
Bit 7
MSb
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSb
Default
Value
Lock
Start
10h
R/W
SMSC Test Register
7
6
5
4
3
2
1
0
00h
No
No
1Dh
R/W
Offset Register Ambient
7
6
5
4
3
2
1
0
00h
Yes
No
1Eh
R/W
Offset Register 2
7
6
5
4
3
2
1
0
00h
Yes
No
1Fh
R/W
Offset Register 1
7
6
5
4
3
2
1
0
00h
Yes
No
20h
R
+2.5V Reading
7
6
5
4
3
2
1
0
N/A
No
No
21h
R
Vccp Reading
7
6
5
4
3
2
1
0
N/A
No
No
22h
R
VCC Reading
7
6
5
4
3
2
1
0
N/A
No
No
23h
R
+5V Reading
7
6
5
4
3
2
1
0
N/A
No
No
24h
R
+12V Reading
7
6
5
4
3
2
1
0
N/A
No
No
25h
R
Remote Diode 1 Temp Reading
7
6
5
4
3
2
1
0
N/A
No
No
26h
R
Internal Temp Reading
7
6
5
4
3
2
1
0
N/A
No
No
27h
R
Remote Diode 2 Temp Reading
7
6
5
4
3
2
1
0
N/A
No
No
28h
R
Tach1 LSB
7
6
5
4
3
2
1
0
N/A
No
No
29h
R
Tach1 MSB
15
14
13
12
11
10
9
8
N/A
No
No
2Ah
R
Tach2 LSB
7
6
5
4
3
2
1
0
N/A
No
No
2Bh
R
Tach2 MSB
15
14
13
12
11
10
9
8
N/A
No
No
2Ch
R
Tach3 LSB
7
6
5
4
3
2
1
0
N/A
No
No
2Dh
R
Tach3 MSB
15
14
13
12
11
10
9
8
N/A
No
No
2Eh
R
Tach4 LSB
7
6
5
4
3
2
1
0
N/A
No
No
2Fh
R
Tach4 MSB
15
14
13
12
11
10
9
8
N/A
No
No
30h
R/W
Note 8.1
PWM1 Current Duty Cycle
7
6
5
4
3
2
1
0
N/A
Yes
Note 8.1
No
31h
R/W
Note 8.1
PWM2 Current Duty Cycle
7
6
5
4
3
2
1
0
N/A
Yes
Note 8.1
No
32h
R/W
Note 8.1
PWM3 Current Duty Cycle
7
6
5
4
3
2
1
0
N/A
Yes
Note 8.1
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com