Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 52 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 48Page - SMSC Corporation EMC6D103 Datasheet HTML 49Page - SMSC Corporation EMC6D103 Datasheet HTML 50Page - SMSC Corporation EMC6D103 Datasheet HTML 51Page - SMSC Corporation EMC6D103 Datasheet HTML 52Page - SMSC Corporation EMC6D103 Datasheet HTML 53Page - SMSC Corporation EMC6D103 Datasheet HTML 54Page - SMSC Corporation EMC6D103 Datasheet HTML 55Page - SMSC Corporation EMC6D103 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
7Ch
R/W
Note 8.4
Special Function Register
AVG2
AVG1
AVG0
SMSC
Note 8.7
SMSC
Note 8.7
INTEN
MON-MD
LPMD
Note 8.5
40h
Yes
Note 8.4
No
7Dh
R
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
00h
No
No
7Eh
R/W
Interrupt Enable 1 (Voltages)
VCC
12V
5V
RES
VCCP
25V
RES
VOLT
ECh
Yes
No
7Fh
R/W
Configuration
INIT
SMSC
Note 8.7
SMSC
Note 8.7
SUREN
TRDY
RES
P2INT
T3INT
10h
Yes
No
80h
R/W
Interrupt Enable 2 (Fan Tachs)
RES
RES
RES
TACH4
TACH3
TACH2
TACH1
TACH
1Eh
Yes
No
81h
R/W
TACH_PWM Association
T4H
T4L
T3H
T3L
T2H
T2L
T1H
T1L
A4h
Yes
No
82h
R/W
Interrupt Enable 3 (Temp)
RES
RES
RES
RES
D2EN
D1EN
AMB
TEMP
0Eh
Yes
No
83h
R
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
00h
No
No
84h
R
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
00h
No
No
85h
R
A/D Converter LSbs Reg 1
RD2.3
RD2.2
RD2.1
RD2.0
RD1.3
RD1.2
RD1.1
RD1.0
N/A
No
No
86h
R
A/D Converter LSbs Reg 2
V12.3
V12.2
V12.1
V12.0
AM.3
AM.2
AM.1
AM.0
N/A
No
No
87h
R
A/D Converter LSbs Reg 3
V50.3
V50.2
V50.1
V50.0
V25.3
V25.2
V25.1
V25.0
N/A
No
No
88h
R
A/D Converter LSbs Reg 4
VCC.3
VCC.2
VCC.1
VCC.0
VCP.3
VCP.2
VCP.1
VCP.0
N/A
No
No
89h
R
SMSC Test Register
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
N/A
No
No
8Ah
R
SMSC Test Register
RES
TST6
TST5
TST4
TST3
TST2
TST1
TST0
40h
No
No
8Bh
R/W
SMSC Test Register
RES
TST6
TST5
TST4
TST3
TST2
TST1
TST0
40h
Yes
No
8Ch
R
SMSC Test Register
RES
RES
RES
TST4
TST3
TST2
TST1
TST0
09h
No
No
8Dh
R/W
SMSC Test Register
RES
RES
RES
TST4
TST3
TST2
TST1
TST0
09h
Yes
No
8Eh
R
SMSC Test Register
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
N/A
No
No
8Fh
R
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
00h
No
No
90h
R/W
Tach1 Option
STCH2
STCH1
STCH0
3EDG
MODE
EDG1
EDG0
SLOW
CCh
No
No
91h
R/W
Tach2 Option
STCH2
STCH1
STCH0
3EDG
MODE
EDG1
EDG0
SLOW
CCh
No
No
Table 8.1 Register Summary (continued)
Reg
Addr
Read
/Write
Reg Name
Bit 7
MSb
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSb
Default
Value
Lock
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com