Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 82 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 82 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 78Page - SMSC Corporation EMC6D103 Datasheet HTML 79Page - SMSC Corporation EMC6D103 Datasheet HTML 80Page - SMSC Corporation EMC6D103 Datasheet HTML 81Page - SMSC Corporation EMC6D103 Datasheet HTML 82Page - SMSC Corporation EMC6D103 Datasheet HTML 83Page - SMSC Corporation EMC6D103 Datasheet HTML 84Page - SMSC Corporation EMC6D103 Datasheet HTML 85Page - SMSC Corporation EMC6D103 Datasheet HTML 86Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.3 (03-01-07)
82
SMSC EMC6D103
DATASHEET
8.2.37
Registers 8Ch: SMSC Test Register
8.2.38
Registers 8Dh: SMSC Test Register
This register becomes read only when the Lock bit is set. Any further attempts to write to this register
shall have no effect.
This register must not be written. Writing this register may produce unexpected results.
8.2.39
Registers 8Eh: SMSC Test Register
This register is an SMSC Test register.
8.2.40
Registers 90h-93h: TachX Option Registers
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
Bit[0] SLOW
0=Force tach reading register to FFFEh if number of tach edges detected is greater than 0, but less
than programmed number of edges.(default)
1= Force tach reading register to FFFFh if number of tach edges detected is greater than 0, but less
than programmed number of edges.
Table 8.58 Registers 8Ch: SMSC Test Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
8Ch
R
SMSC Test Register
RES
RES
RES
TST4
TST3
TST2
TST1
TST0
0Eh
Table 8.59 Registers 8Dh: SMSC Test Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
8Dh
R/W
SMSC Test Register
RES
RES
RES
TST4
TST3
TST2
TST1
TST0
0Eh
Table 8.60 Registers 8Eh: SMSC Test Register
Register
Address
Read
/Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
8Eh
R
SMSC Test Register
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
N/A
Table 8.61 Registers 90h-93h: TachX Option Registers
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
90h
R/W
Tach1 Option
STCH2
STCH1
STCH0
3EDG
MODE
EDG1
EDG0
SLOW
CCh
91h
R/W
Tach2 Option
STCH2
STCH1
STCH0
3EDG
MODE
EDG1
EDG0
SLOW
CCh
92h
R/W
Tach3 Option
STCH2
STCH1
STCH0
3EDG
MODE
EDG1
EDG0
SLOW
CCh
93h
R/W
Tach4 Option
STCH2
STCH1
STCH0
3EDG
MODE
EDG1
EDG0
SLOW
CCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com