Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 47 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 43Page - SMSC Corporation EMC6D103 Datasheet HTML 44Page - SMSC Corporation EMC6D103 Datasheet HTML 45Page - SMSC Corporation EMC6D103 Datasheet HTML 46Page - SMSC Corporation EMC6D103 Datasheet HTML 47Page - SMSC Corporation EMC6D103 Datasheet HTML 48Page - SMSC Corporation EMC6D103 Datasheet HTML 49Page - SMSC Corporation EMC6D103 Datasheet HTML 50Page - SMSC Corporation EMC6D103 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
47
Revision 0.3 (03-01-07)
DATASHEET
Note: Minimum RPM values shown use minimum guard time (88.88usec).
7.1.4.9
Detection of a Stalled Fan
There is a fan failure bit (TACHx) in the interrupt status register used to indicate that a slow or stalled
fan event has occurred. If the tach reading value exceeds the value programmed in the tach limit
register the interrupt status bit is set. See Interrupt Status register 2 at offset 42h.
Notes:
The reading register will be forced to FFFFh if a stalled event occurs (i.e., stalled event =no edges
detected.)
The reading register will be forced to either FFFFh or FFFEh if a slow fan event occurs. (i.e., slow
event: 0 < #edges < programmed #edges). If the control bit, SLOW, located in the TACHx Options
registers at offsets 90h - 93h, is set then FFFEh will be forced into the corresponding Tach Reading
Register to indicate that the fan is spinning slowly.
The fan tachometer reading register stays at FFFFh in the event of a stalled fan. If the fan begins
to spin again, the tachometer logic will reset and latch the next valid reading into the tachometer
reading register.
7.1.4.10
Fan Interrupt Status Bits
The status bits for the fan events are in Interrupt Status Register 2 (42h). These bits are set when the
reading register is above the tachometer minimum and the Interrupt Enable 2 (Fan Tachs) register bits
are configured to enable Fan Tach events. No interrupt status bits are set for fan events (even if the
fan is stalled) if the associated tachometer minimum is set to FFFFh (registers 54h-5Bh).
Note: The Interrupt Enable 2 (Fan Tachs) register at offset 80h defaults to enabled for the individual
tachometer status events bits. The group Fan Tach INT# bit defaults to disabled. This bit needs
to be set if Fan Tach interrupts are to be generated on the external INT# pin.
See Figure 6.1 Interrupt Controlon page 26.
7.1.5
Linking Fan Tachometers to PWMs
The TACH/PWM Association Register at offset 81h is used to associate a Tachometer input with a
PWM output. This association has three purposes:
1. The auto fan control logic supports a feature called SpinUp Reduction. If SpinUp Reduction is
enabled (SUREN bit), the auto fan control logic will stop driving the PWM output high if the
associated TACH input is operating within normal parameters. (Note: SUREN bit is located in the
Configuration Register at offset 7Fh)
2. To measure the tachometer input in Mode 2, the tachometer logic must know when the associated
PWM is ‘ON’.
Table 7.5 Minimum RPM Detectable– With PWM Stretching
NUMBER OF EDGES
FOR DETECTION
MINIMUM RPM AT STRETCHED PULSE WIDTH
50MSE
C
100MSE
C
200MSE
C
400MSE
C
600MSE
C
800MSE
C
950MSE
C
9
2400
1200
600
300
200
150
126
5
1200
600
300
150
100
75
63
3
600
300
150
75
50
38
32
2
300
150
7538251916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com