Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 84 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 84 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 80Page - SMSC Corporation EMC6D103 Datasheet HTML 81Page - SMSC Corporation EMC6D103 Datasheet HTML 82Page - SMSC Corporation EMC6D103 Datasheet HTML 83Page - SMSC Corporation EMC6D103 Datasheet HTML 84Page - SMSC Corporation EMC6D103 Datasheet HTML 85Page - SMSC Corporation EMC6D103 Datasheet HTML 86Page - SMSC Corporation EMC6D103 Datasheet HTML 87Page - SMSC Corporation EMC6D103 Datasheet HTML 88Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.3 (03-01-07)
84
SMSC EMC6D103
DATASHEET
01=twice a second
1x=every 300msec
Bit[2] Snap to Zero (SZEN)
This bit determines if the PWM output ramps down to OFF or if it is immediately set to zero.
0=Step Down the PWMx output to Off at the programmed Ramp Rate
1=Transition PWMx to Off immediately when the calculated duty cycle is 00h (default)
Bit[4:3] Guard time (Mode 2 only)
00=63 clocks (90kHz clocks ~ 700usec)
01=32 clocks (90kHz clocks ~ 356usec) (default)
10=16 clocks (90kHz clocks ~ 178usec)
11=8 clocks (90kHz clocks ~ 89usec)
Bit[5] Opportunistic Mode Enable
0= Opportunistic Mode Disabled. Update Tach Reading once per PWMx Update Period (see Bits[1:0]
in this register)
1=Opportunistic Mode is Enabled. The tachometer reading register is updated any time a valid
tachometer reading can be made without stretching the PWM output signal. If a valid reading is
detected prior to the Update cycle, then the Update counter is reset.
Bit[7:6] Reserved
8.2.42
Register 97h: SMSC Test Register
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
This is an SMSC Test Register. Writing to this register may cause unwanted results.
8.2.43
Register 98h:SMSC Test Register
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
This is an SMSC Test Register. Writing to this register may cause unwanted results.
Table 8.63 Register 97h: SMSC Test Register
Register
Address
Read
/Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
97h
R/W
SMSC Test Register
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
5Ah
Table 8.64 Register 98h:SMSC Test Register
Register
Address
Read
/Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
98h
R/W
SMSC Test Register
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
F1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com