Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 67 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 67 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 63Page - SMSC Corporation EMC6D103 Datasheet HTML 64Page - SMSC Corporation EMC6D103 Datasheet HTML 65Page - SMSC Corporation EMC6D103 Datasheet HTML 66Page - SMSC Corporation EMC6D103 Datasheet HTML 67Page - SMSC Corporation EMC6D103 Datasheet HTML 68Page - SMSC Corporation EMC6D103 Datasheet HTML 69Page - SMSC Corporation EMC6D103 Datasheet HTML 70Page - SMSC Corporation EMC6D103 Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
67
Revision 0.3 (03-01-07)
DATASHEET
When in manual control mode, the PWMx Current Duty Cycle Registers (30h-32h) become
Read/Write. It is then possible to control the PWM outputs with software by writing to these
registers. See PWMx Current Duty Cycle Registers description.
When the fan is disabled (100) the corresponding PWM output is driven low (or high, if inverted).
When the fan is Full On (011) the corresponding PWM output is driven high (or low, if inverted).
Notes:
Zone 1 is controlled by Remote Diode 1 Temp Reading register
Zone 2 is controlled by Internal Temp Reading Register
Zone 3 is controlled by Remote Diode 2 Temp Reading register
Bit [4] PWM Invert
Bit [4] inverts the PWM output. If set to 1, 100% duty cycle will yield an output that is low for 255 clocks
and high for 1 clock. If set to 0, 100% duty cycle will yield an output that is high for 255 clocks and
low for 1 clock.
Bit [3] Reserved
Bits [2:0] Spin Up
Bits [2:0] specify the ‘spin up’ time for the fan. When a fan is being started from a stationary state, the
PWM output is held at 100% duty cycle for the time specified in the table below before scaling to a
lower speed. Note: during spin-up, the PWM pin is forced high for the duration of the spin-up time (i.e.,
100% duty cycle = 256/256)
Note: To reduce the spin-up time, this device has implemented a feature referred to as Spin Up
Reduction. Spin Up Reduction uses feedback from the tachometers to determine when each
fan has started spinning properly. Spin up for a PWM will end when the tachometer reading
register is below the minimum limit, or the spin-up time expires, whichever comes first. All tachs
associated with a PWM must be below min. for spin-up to end prematurely. This feature can
be disabled by clearing bit 4 (SUREN) of the Configuration register (7Fh). If disabled, the all
fans go on full for the duration of their associated spin up time. Note that the Tachx minimum
registers must be programmed to a value less than FFFFh in order for the spin-up reduction
to work properly.
Table 8.26 Fan Zone Setting
ZON[7:5]
PWM CONFIGURATION
000
Fan on zone 1 auto
001
Fan on zone 2 auto
010
Fan on zone 3 auto
011
Fan always on full
100
Fan disabled
101
Fan controlled by hottest of zones 2,3
110
Fan controlled by hottest of zones 1,2,3
111
Fan manually controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com