Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 63 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 59Page - SMSC Corporation EMC6D103 Datasheet HTML 60Page - SMSC Corporation EMC6D103 Datasheet HTML 61Page - SMSC Corporation EMC6D103 Datasheet HTML 62Page - SMSC Corporation EMC6D103 Datasheet HTML 63Page - SMSC Corporation EMC6D103 Datasheet HTML 64Page - SMSC Corporation EMC6D103 Datasheet HTML 65Page - SMSC Corporation EMC6D103 Datasheet HTML 66Page - SMSC Corporation EMC6D103 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
63
Revision 0.3 (03-01-07)
DATASHEET
The remote diode fault bits do not clear on a read while the fault condition exists. If the start bit is set
when a fault condition occurs, 80h will be loaded into the associated temperature reading register,
which will cause the associated diode limit error bit to be set (Remote Diode 1 Limit Error or Remote
Diode 2 Limit Error) in addition to the diode fault bit. Disabling the enable bit for the diode will clear
both the fault bit and the error bit for that diode (see Note below).
This register is read only – a write to this register has no effect.
Note: Clearing the individual enable bits.
1. An interrupt status bit will never change from a 0 to a 1 when the corresponding individual interrupt
enable bit is cleared (set to 0), regardless of whether the limits are violated during a measurement.
2. If the individual enable bit is cleared while the associated status bit is 1, the status bit will be
cleared when the associated reading register is updated. The reading registers only get updated
when the START bit is set to ‘1’. If the enable bit is cleared when the START bit is 0, the associated
interrupt status bit will not be cleared until the start bit is set to 1 and the associated reading register
is updated.
8.2.12
Register 43h: VID
The VID register contains the values of EMC6D103 VID0-VID4 input pins. This register indicates the
status of the VID lines that interconnect the processor to the Voltage Regulator Module (VRM).
Table 8.18 Interrupt Status Register 2
BIT
NAME
R/W DEFAULT
DESCRIPTION
0
+12v_Error
R
0
The EMC6D103 automatically sets this bit to 1 when the 12V input
voltage is less than or equal to the limit set in the 12V Low Limit register
or greater than the limit set in the 12V High Limit register.
1
Reserved
R
0
Reserved
2
TACH1
Slow/Stalled
R
0
The EMC6D103 automatically sets this bit to 1 when the TACH1 input
reading is above the value set in the Tach1 Minimum MSB and LSB
registers.
3
TACH2
Slow/Stalled
R
0
The EMC6D103 automatically sets this bit to 1 when the TACH2 input
reading is above the value set in the Tach2 Minimum MSB and LSB
registers.
4
TACH3
Slow/Stalled
R
0
The EMC6D103 automatically sets this bit to 1 when the TACH3 input
reading is above the value set in the Tach3 Minimum MSB and LSB
registers.
5
TACH4
Slow/Stalled
R
0
The EMC6D103 automatically sets this bit to 1 when the TACH4 input
reading is above the value set in the Tach4 Minimum MSB and LSB
registers.
6
Remote
Diode 1 Fault
R
0
The EMC6D103 automatically sets this bit to 1 when there is either a
short or open circuit fault on the Remote1+ or Remote1- thermal diode
input pins as defined in the section Diode Fault on page 26.
Note:
If the START bit is set and a fault condition exists, the Remote
Diode 1 reading register will be forced to 80h.
7
Remote
Diode 2 Fault
R
0
The EMC6D103 automatically sets this bit to 1 when there is either a
short or open circuit fault on the Remote2+ or Remote2- thermal diode
input pins as defined in the section Diode Fault on page 26.
Note:
If the START bit is set and a fault condition exists, the Remote
Diode 2 reading register will be forced to 80h.
Table 8.19 Register 43h: VID
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
43h
R
VID0-4
RES
RES
RES
VID4
VID3
VID2
VID1
VID0
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com