Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 120 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 116Page - NXP Semiconductors IMX7DCEC Datasheet HTML 117Page - NXP Semiconductors IMX7DCEC Datasheet HTML 118Page - NXP Semiconductors IMX7DCEC Datasheet HTML 119Page - NXP Semiconductors IMX7DCEC Datasheet HTML 120Page - NXP Semiconductors IMX7DCEC Datasheet HTML 121Page - NXP Semiconductors IMX7DCEC Datasheet HTML 122Page - NXP Semiconductors IMX7DCEC Datasheet HTML 123Page - NXP Semiconductors IMX7DCEC Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 161 page
background image
Boot mode configuration
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
120
5.2
Boot device interface allocation
Table 97 lists the interfaces that can be used by the boot process in accordance with the specific Boot
mode configuration. The table also describes the interface’s specific modes and IOMUXC allocation,
which are configured during boot when appropriate.
LCD1_DATA00
Input
BT_CFG[0]
100K Pull Down
Keeper
Boot options, pin value overrides fuse
settings for BT_FUSE_SEL=’0’. Signal
configuration as fuse override input at
power up.
These are special I/O lines that control the
boot configuration during product
development. In production, the boot
configuration can be controlled by fuses.
LCD1_DATA01
Input
BT_CFG[1]
100K Pull Down
Keeper
LCD1_DATA02
Input
BT_CFG[2]
100K Pull Down
Keeper
LCD1_DATA03
Input
BT_CFG[3]
100K Pull Down
Keeper
LCD1_DATA04
Input
BT_CFG[4]
100K Pull Down
Keeper
LCD1_DATA05
Input
BT_CFG[5]
100K Pull Down
Keeper
LCD1_DATA06
Input
BT_CFG[6]
100K Pull Down
Keeper
LCD1_DATA07
Input
BT_CFG[7]
100K Pull Down
Keeper
LCD1_DATA08
Input
BT_CFG[8]
100K Pull Down
Keeper
LCD1_DATA09
Input
BT_CFG[9]
100K Pull Down
Keeper
LCD1_DATA10
Input
BT_CFG[10]
100K Pull Down
Keeper
LCD1_DATA11
Input
BT_CFG[11]
100K Pull Down
Keeper
LCD1_DATA12
Input
BT_CFG[12]
100K Pull Down
Keeper
LCD1_DATA13
Input
BT_CFG[13]
100K Pull Down
Keeper
LCD1_DATA14
Input
BT_CFG[14]
100K Pull Down
Keeper
LCD1_DATA15
Input
BT_CFG[15]
100K Pull Down
Keeper
LCD1_DATA16
Input
BT_CFG[16]
100K Pull Down
Keeper
LCD1_DATA17
Input
BT_CFG[17]
100K Pull Down
Keeper
LCD1_DATA18
Input
BT_CFG[18]
100K Pull Down
Keeper
LCD1_DATA19
Input
BT_CFG[19]
100K Pull Down
Keeper
Table 97. Interface allocation during boot
Interface
IP Instance
Allocated Pads During Boot
Comment
QSPI
QSPI
EPDC_D0, EPDC_D1, EPDC_D2, EPDC_D3,
EPDC_D4, EPDC_D5, EPDC_D6, EPDC_D7,
EPDC_D8, EPDC_D9, EPDC_D10, EPDC_D11,
EPDC_D12, EPDC_D13, EPDC_D14, EPDC_D15
SPI
ECSPI-1
ECSPI1_SCLK, ECSPI1_MOSI, ECSPI1_MISO,
ECSPI1_SS0, UART1_RXD, UART1_TXD,
UART2_RXD
The chip-select pin used depends
on the fuse "CS select (SPI only)"
Table 96. Fuses and associated pins used for boot(continued)
Pin
Direction
at Reset
eFuse
name
State during reset
(POR_B
asserted)
State after reset
(POR_B
deasserted)
Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com