Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 123 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 119Page - NXP Semiconductors IMX7DCEC Datasheet HTML 120Page - NXP Semiconductors IMX7DCEC Datasheet HTML 121Page - NXP Semiconductors IMX7DCEC Datasheet HTML 122Page - NXP Semiconductors IMX7DCEC Datasheet HTML 123Page - NXP Semiconductors IMX7DCEC Datasheet HTML 124Page - NXP Semiconductors IMX7DCEC Datasheet HTML 125Page - NXP Semiconductors IMX7DCEC Datasheet HTML 126Page - NXP Semiconductors IMX7DCEC Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
123
6.1.2
12 x 12 mm supplies contact assignments and functional contact
assignments
Table 98 shows supplies contact assignments for the 12 x 12 mm package.
Table 98. i.MX 7Dual 12 x 12 mm supplies contact assignments
Rail
Ball
Comments
DRAM_VREF
T20
DDR voltage reference input. Connect to a
voltage source that is 50% of NVCC_DRAM
DRAM_ZQPAD
Y18
DDR output buffer driver calibration reference
voltage input. Connect DRAM_ZQPAD to an
external 240  1% resistor to Vss
FUSE_FSOURCE
V09
GND
A01,A28,B05,B23,B26,C03,C05,C07,C10,C1
3,C14,C15,C23,C24,C25,C26,D08,
D12,D17,D21,E03,E05,E24,E26,F08,F10,F12
,F14,F15,F17,F21,H04,H06,H23,H25,L13,L16
,M04,M06,M23,M25,N11,N18,T11,T18,U04,U
06,U23,U25,V13,V16,W03,W06,AA04,AA06,
AA23,AA25,AC08,AC10,AC12,AC14,AC15,A
C17,AC21,AD03,AD05,AD06,AD24,AD26,AE
06,AE07,AE08,AE09,AE17,AE21,AF03,AF05,
AF08,AF09,AF10,AF11,AF13,AF14,AF15,AF2
4,AF26,AG10,AH01,AH28
GPANAIO
AF02
Test signal. Should be left unconnected.
MIPI_VREG_0P4V
B19
NVCC_DRAM
V27,V28,W21,W23,W26,Y20,AA19,AC19,AF
17,AF18,AF19,AG18,AH18
Supply input for the DDR I/O interface
NVCC_DRAM_CKE
V20
NVCC_ENET1
J18
Supply input for the ENET interfaces
NVCC_EPDC1
P20
Supply for EPDC
NVCC_EPDC2
N20
Supply for EPDC
NVCC_GPIO1
Y09
Supply for GPIO1
NVCC_GPIO2
Y11
Supply for GPIO2
NVCC_I2C
R09
Supply for I2C
NVCC_LCD
L20
Supply for LCD
NVCC_SAI
J13
Supply for SAI
NVCC_SD1
J11
Supply for SD card
NVCC_SD2
L09
Supply for SD card
NVCC_SD3
N09
Supply for SD card
NVCC_SPI
P09
Supply for SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com