Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 131 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 127Page - NXP Semiconductors IMX7DCEC Datasheet HTML 128Page - NXP Semiconductors IMX7DCEC Datasheet HTML 129Page - NXP Semiconductors IMX7DCEC Datasheet HTML 130Page - NXP Semiconductors IMX7DCEC Datasheet HTML 131Page - NXP Semiconductors IMX7DCEC Datasheet HTML 132Page - NXP Semiconductors IMX7DCEC Datasheet HTML 133Page - NXP Semiconductors IMX7DCEC Datasheet HTML 134Page - NXP Semiconductors IMX7DCEC Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
131
F20
LCD_DATA08
NVCC_LCD
GPIO
ALT5
GPIO3_IO[13]
100K PD
G20
LCD_DATA09
NVCC_LCD
GPIO
ALT5
GPIO3_IO[14]
100K PD
A27
LCD_DATA10
NVCC_LCD
GPIO
ALT5
GPIO3_IO[15]
100K PD
E27
LCD_DATA11
NVCC_LCD
GPIO
ALT5
GPIO3_IO[16]
100K PD
F27
LCD_DATA12
NVCC_LCD
GPIO
ALT5
GPIO3_IO[17]
100K PD
E28
LCD_DATA13
NVCC_LCD
GPIO
ALT5
GPIO3_IO[18]
100K PD
G27
LCD_DATA14
NVCC_LCD
GPIO
ALT5
GPIO3_IO[19]
100K PD
B28
LCD_DATA15
NVCC_LCD
GPIO
ALT5
GPIO3_IO[20]
100K PD
C27
LCD_DATA16
NVCC_LCD
GPIO
ALT5
GPIO3_IO[21]
100K PD
D26
LCD_DATA17
NVCC_LCD
GPIO
ALT5
GPIO3_IO[22]
100K PD
D27
LCD_DATA18
NVCC_LCD
GPIO
ALT5
GPIO3_IO[23]
100K PD
D28
LCD_DATA19
NVCC_LCD
GPIO
ALT5
GPIO3_IO[24]
100K PD
G26
LCD_DATA20
NVCC_LCD
GPIO
ALT5
GPIO3_IO[25]
100K PD
H26
LCD_DATA21
NVCC_LCD
GPIO
ALT5
GPIO3_IO[26]
100K PD
B27
LCD_DATA22
NVCC_LCD
GPIO
ALT5
GPIO3_IO[27]
100K PD
D25
LCD_DATA23
NVCC_LCD
GPIO
ALT5
GPIO3_IO[28]
100K PD
G28
LCD_ENABLE
NVCC_LCD
GPIO
ALT5
GPIO3_IO[1]
100K PD
F25
LCD_HSYNC
NVCC_LCD
GPIO
ALT5
GPIO3_IO[2]
100K PD
E20
LCD_RESET
NVCC_LCD
GPIO
ALT5
GPIO3_IO[4]
100K PD
F24
LCD_VSYNC
NVCC_LCD
GPIO
ALT5
GPIO3_IO[3]
100K PD
B16
MIPI_CSI_CLK_N
MIPI_VDDA_1P8
MIPI_CSI_CLK_N
A16
MIPI_CSI_CLK_P
MIPI_VDDA_1P8
MIPI_CSI_CLK_P
B18
MIPI_CSI_D0_N
MIPI_VDDA_1P8
MIPI_CSI_D0_N
A18
MIPI_CSI_D0_P
MIPI_VDDA_1P8
MIPI_CSI_D0_P
B15
MIPI_CSI_D1_N
MIPI_VDDA_1P8
MIPI_CSI_D1_N
B14
MIPI_CSI_D1_P
MIPI_VDDA_1P8
MIPI_CSI_D1_P
B24
MIPI_DSI_CLK_N
MIPI_VDDA_1P8
MIPI_DSI_CLK_N
A24
MIPI_DSI_CLK_P
MIPI_VDDA_1P8
MIPI_DSI_CLK_P
B25
MIPI_DSI_D0_N
MIPI_VDDA_1P8
MIPI_DSI_D0_N
A25
MIPI_DSI_D0_P
MIPI_VDDA_1P8
MIPI_DSI_D0_P
A22
MIPI_DSI_D1_N
MIPI_VDDA_1P8
MIPI_DSI_D1_N
B22
MIPI_DSI_D1_P
MIPI_VDDA_1P8
MIPI_DSI_D1_P
Table 99. i.MX 7Dual 12 x 12 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball type1 Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com