Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 132 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 128Page - NXP Semiconductors IMX7DCEC Datasheet HTML 129Page - NXP Semiconductors IMX7DCEC Datasheet HTML 130Page - NXP Semiconductors IMX7DCEC Datasheet HTML 131Page - NXP Semiconductors IMX7DCEC Datasheet HTML 132Page - NXP Semiconductors IMX7DCEC Datasheet HTML 133Page - NXP Semiconductors IMX7DCEC Datasheet HTML 134Page - NXP Semiconductors IMX7DCEC Datasheet HTML 135Page - NXP Semiconductors IMX7DCEC Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
132
AD13
ONOFF
VDD_SNVS_IN
ONOFF
AG13
PCIE_REFCLKIN_N
PCIE_VPH
PCIE_REFCLKIN_N
AH13
PCIE_REFCLKIN_P
PCIE_VPH
PCIE_REFCLKIN_P
AG11
PCIE_REFCLKOUT_N
PCIE_VPH
PCIE_REFCLKOUT_N
AH11
PCIE_REFCLKOUT_P
PCIE_VPH
PCIE_REFCLKOUT_P
Y16
PCIE_REXT
PCIE_VPH
PCIE_REXT
AG16
PCIE_RX_N
PCIE_VPH_RX
PCIE_RX_N
AH16
PCIE_RX_P
PCIE_VPH_RX
PCIE_RX_P
AG14
PCIE_TX_N
PCIE_VPH_TX
PCIE_TX_N
AG15
PCIE_TX_P
PCIE_VPH_TX
PCIE_TX_P
AD11
CCM_PMIC_STBY_REQ
VDD_SNVS_IN
GPIO
CCM_PMIC_STBY_REQ
Y03
POR_B
NVCC_GPIO1
GPIO
ALT0
POR_B
100K PU
AG09
RTC_XTALI
VDD_SNVS_1P8_CAP
RTC_XTALI
AH09
RTC_XTALO
VDD_SNVS_1P8_CAP
RTC_XTALO
D03
SAI1_MCLK
NVCC_SAI
GPIO
ALT5
GPIO6_IO[18]
100K PD
G04
SAI1_RXC
NVCC_SAI
GPIO
ALT5
GPIO6_IO[17]
100K PD
F03
SAI1_RXD
NVCC_SAI
GPIO
ALT5
GPIO6_IO[12]
100K PD
C04
SAI1_RXFS
NVCC_SAI
GPIO
ALT5
GPIO6_IO[16]
100K PD
F04
SAI1_TXC
NVCC_SAI
GPIO
ALT5
GPIO6_IO[13]
100K PD
G05
SAI1_TXD
NVCC_SAI
GPIO
ALT5
GPIO6_IO[15]
100K PD
F05
SAI1_TXFS
NVCC_SAI
GPIO
ALT5
GPIO6_IO[14]
100K PD
E06
SAI2_RXD
NVCC_SAI
GPIO
ALT5
GPIO6_IO[21]
100K PD
D04
SAI2_TXC
NVCC_SAI
GPIO
ALT5
GPIO6_IO[20]
100K PD
D06
SAI2_TXD
NVCC_SAI
GPIO
ALT5
GPIO6_IO[22]
100K PD
F06
SAI2_TXFS
NVCC_SAI
GPIO
ALT5
GPIO6_IO[19]
100K PD
A05
SD1_CD_B
NVCC_SD1
GPIO
ALT5
GPIO5_IO[0]
100K PD
B03
SD1_CLK
NVCC_SD1
GPIO
ALT5
GPIO5_IO[3]
100K PD
A02
SD1_CMD
NVCC_SD1
GPIO
ALT5
GPIO5_IO[4]
100K PD
B04
SD1_DATA0
NVCC_SD1
GPIO
ALT5
GPIO5_IO[5]
100K PD
A04
SD1_DATA1
NVCC_SD1
GPIO
ALT5
GPIO5_IO[6]
100K PD
B02
SD1_DATA2
NVCC_SD1
GPIO
ALT5
GPIO5_IO[7]
100K PD
B01
SD1_DATA3
NVCC_SD1
GPIO
ALT5
GPIO5_IO[8]
100K PD
Table 99. i.MX 7Dual 12 x 12 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball type1 Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com