Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DAQ Datasheet HTML 1Page - Murata Power Solutions Inc. DAQ Datasheet HTML 2Page - Murata Power Solutions Inc. DAQ Datasheet HTML 3Page - Murata Power Solutions Inc. DAQ Datasheet HTML 4Page - Murata Power Solutions Inc. DAQ Datasheet HTML 5Page - Murata Power Solutions Inc. DAQ Datasheet HTML 6Page - Murata Power Solutions Inc. DAQ Datasheet HTML 7Page - Murata Power Solutions Inc. DAQ Datasheet HTML 8Page - Murata Power Solutions Inc. DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.murata-ps.com/support
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 2 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
PERFORMANCE SPECIFICATIONS SUMMARY AND ORDERING GUIDE [1]
Root Model
Output
Input
Efficiency
Vout
(V)
IOUT
(A, max.)
Total Power
(W)
Ripple & Noise
(mVp-p)
Regulation
(Typ.)
Vin
(V, Nom.)
Range
(V)
Iin, full load@Vinmin
(A)
Typ.
Line
(mV)
Load
(mV)
DSQ0150V2
12
50
600
120
75
45
48
36-75
17.5
96.00%
DAQ0150V2
12
50
600
120
75
45
48
36-75
17.5
96.00%
DCQ0150V2
12
50
600
120
75
45
48
36-75
17.5
96.00%
Notes:
[1] Typical at TA = +25°C under nominal line voltage and full-load conditions. All models are specified with an external 1μF multi-layer ceramic and 10μF capacitors across their
output pins.
Part Number Structure*
Product Family[1]
D
S
DS = DOSA Standard Digital Quarter Brick W/Sense & Trim,1 W/PMbus
DA = DOSA Analog Quarter Brick W/Sense & Trim, No PMbus
DC = DOSA Analog Quarter Brick ( 5 pin IBC )
Form Factor
Q
Q = Quarter Brick
Vout
01
01 = 12Vout , 02 = 5Vout , 03 = 3.3Vout
Output Current
50
Max Iout in Amps
Vin Range
V2
V2 = 36-75Vin
Logic
N
N = Negative Logic, P = Positive Logic
Pin Length[2]
X
1 = 0.110"(2.79 mm), 2 = 0.145"(3.68mm), Omit for standard pin length( shown in
the mechanical drawings)
Mechanical Configuration
B
B = Baseplate
Load Sharing
S
S = Load Sharing, Omit for standard
Reflow Compliant[2]
R
R = MSL-3 Compliant Packaging, Omit for Standard through hole processing
Specific Customer Configuration
X
X
X
Customer Code, Omit for Standard
RoHS 6/6
C RoHS 6/6 Compliant
Example Part Number DSQ0150V2N2BRSC DOSA Digital Quarter Brick, 12Vout@50A, Negative logic, 0.145” pin length, Baseplate, Reflow/MSL-3 compliant, Load Sharing, RoHS 6/6.
[1] Load Sharing on DSQ ( with PMbus ) will not include Sense & Trim pins. Loading Sharing is not available on DAQ.
[2] Minimum order quantity is required. Samples available with standard pin length only.
[3] Basic I/O insulation available on DSQ0150V2NBSCAPD (PMBus 1/4tr brick, 12Vout @ 50A, 36-75Vin, Negative Logic, Baseplate, Load Share, RoHS, Basic I/O insulation)
*See www.murata.com/power/products for model-specific availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com