Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  DAQ Datasheet HTML 1Page - Murata Power Solutions Inc. DAQ Datasheet HTML 2Page - Murata Power Solutions Inc. DAQ Datasheet HTML 3Page - Murata Power Solutions Inc. DAQ Datasheet HTML 4Page - Murata Power Solutions Inc. DAQ Datasheet HTML 5Page - Murata Power Solutions Inc. DAQ Datasheet HTML 6Page - Murata Power Solutions Inc. DAQ Datasheet HTML 7Page - Murata Power Solutions Inc. DAQ Datasheet HTML 8Page - Murata Power Solutions Inc. DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 5 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
MECHANICAL
Conditions
Minimum
Typical/Nominal
Maximum
Units
Outline Dimensions
2.3 x 1.45 x 0.52
Inches
58.4 x 36.80 x
13.21
mm
Weight
2.35
Ounces
66.8
Grams
Through Hole Pin Diameter
0.04 & 0.062
Inches
1.016 & 1.575
mm
Digital Interface Pin Diameter
0.02
0.5
Through Hole Pin Material
Copper alloy
TH Pin Plating Metal and Thickness
Nickel subplate
98.4-299
µ-inches
Gold overplate
4.7-19.6
µ-inches
ENVIRONMENTAL
Operating Ambient Temperature
Range
with derating
-40
85
°C
Operating Baseplate Temperature
-40
110
°C
Storage Temperature
Vin = Zero (no power)
-55
125
°C
Thermal Protection/Shutdown (with
"B" Suffix, default value, Configur-
able via PMBUS)
Configurable Via PMBus
128
°C
Electromagnetic Interference
External filter required; see
B
Class
Conducted, EN55022/CISPR22
emissions performance test.
Notes:
[1] Typical at TA=+25°C under nominal line voltage and full-load conditions. All models are specified with an external 1μF Multi-layer ceramic and 10μF capacitors across their output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com