Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 5Page - Murata Power Solutions Inc. DAQ Datasheet HTML 6Page - Murata Power Solutions Inc. DAQ Datasheet HTML 7Page - Murata Power Solutions Inc. DAQ Datasheet HTML 8Page - Murata Power Solutions Inc. DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. DAQ Datasheet HTML 10Page - Murata Power Solutions Inc. DAQ Datasheet HTML 11Page - Murata Power Solutions Inc. DAQ Datasheet HTML 12Page - Murata Power Solutions Inc. DAQ Datasheet HTML 13Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.murata-ps.com/support
RECOMMENDED FOOTPRINT
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 9 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
INPUT/OUTPUT CONNECTIONS
PIN
Name
Input/Output
Function
DSQ
DAQ
DCQ
Without “S” Option
With “S” option
1
Vin+
Output
Converter’s Input Voltage positive connection
•
•
•
•
2
On/Off
Input
Remote on/off control, Refer to technical notes section “Remote On/Off Control” for
details
•
•
•
•
3
Vin-
Output
Input Voltage negative connection
•
•
•
•
4
Vout-
Output
Converter’s main output voltage return connection
•
•
•
•
5
Sense-
Input
Sense inputs to compensate output voltage inaccuracy delivered at the load, refer to
technical notes section “Remote Sense Input” for detail description
•
•
6
Trim
Input
Output voltage can be trimmed up or down by external connection of a resistor
between Trim pin and either Sense pin. Refer to technical notes section “TRIM” for
details
•
•
7
Sense+
Input
Sense inputs to compensate output voltage inaccuracy delivered at the load, Refer to
technical notes section “Remote Sense Input” for details
•
•
8
Vout+
Output
Converter’s main output voltage + connection
•
•
•
•
9
PGood
Output
Power good function; refer to technical notes section “Power Good”
TTL level: Output Low < 0.4V; Output High > 2.4V; Output sinking/sourcing current
max: 4mA
•
•
10
Sig_Gnd
Output
Return ground for PMBUS and PGood. It is recommend to design independent signal
ground separate from the power ground to minimize noise interference
•
•
11
Data
Input/Output
Refer to section “PMBus” for details; Internal pull up: 10k
•
•
12
SMBALERT#
Output
•
•
13
Clock
Input/Output
•
•
14
Addr1
Input
Connect resistor to GND to configure PMBUS address per “PMBus Addressing”
details in the PMBus Section
•
•
15
Addr0
Input
•
•
0.055 [1.40] TYP 6PL
2.000 [50.80]
2.33 [59.2]
0.100 [2.54]
0.075 [1.91] TYP 2PL
0.032 [0.80] TYP 7PL
9
10
11
12
13
14
15
8
4
5
6
7
0.165 [4.19]
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com