Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 10 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 10 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 6Page - Murata Power Solutions Inc. DAQ Datasheet HTML 7Page - Murata Power Solutions Inc. DAQ Datasheet HTML 8Page - Murata Power Solutions Inc. DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. DAQ Datasheet HTML 10Page - Murata Power Solutions Inc. DAQ Datasheet HTML 11Page - Murata Power Solutions Inc. DAQ Datasheet HTML 12Page - Murata Power Solutions Inc. DAQ Datasheet HTML 13Page - Murata Power Solutions Inc. DAQ Datasheet HTML 14Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 10 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
SHIPPING TRAYS AND BOXES, THROUGH-HOLE MOUNT
SHIPPING TRAY DIMENSIONS
Shipping Tray Base(PAD)
0.74inch thick
Shipping Tray,1/4 brick(15
cavity)
Shipping Box, 10inch x
10inch x 2.5 inch (30
units per carton)
Label, 1.0 inch x 1.5 inch
paper
Label , pre-printed ESD attention; apply ESD
label over tape to seal box
Label used for MFR overpack
carton
ESD tape, front flap shall be
sealed with ESD Tape specified
or equivalent after the box is
closed.
CLOSED CARTON
11.25
REF
10.50 REF
2.75
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com