Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 13 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 13 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. DAQ Datasheet HTML 10Page - Murata Power Solutions Inc. DAQ Datasheet HTML 11Page - Murata Power Solutions Inc. DAQ Datasheet HTML 12Page - Murata Power Solutions Inc. DAQ Datasheet HTML 13Page - Murata Power Solutions Inc. DAQ Datasheet HTML 14Page - Murata Power Solutions Inc. DAQ Datasheet HTML 15Page - Murata Power Solutions Inc. DAQ Datasheet HTML 16Page - Murata Power Solutions Inc. DAQ Datasheet HTML 17Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.murata-ps.com/support
Power Management Overview and PMBus Interface (Applicable Models)
A wide range of parameters can be read and configured by the system/host by
using PMBus™ digital communications.
Each module is provided pre-configured for a wide range operation. Refer to the
PMBus™ Interface section for details.
SMBAERT# Hardware Signal (Applicable Models)
SMBALERT# signal offers an alternate method for system/host notification that a
fault or Warning has been detected (mirrors the STATUS_X fault/warn register bits)
within the module and is useful in applications requiring real time fault notifica-
tion independent or in addition to reading PMBus™ STATUS_X register fault bits
which may not be read by system/host frequently enough to detect that a fault/
warning bit flag was set.
Internally driven low <0.4Vdc indicates a Vout, Iout, Vin, Temperature, or Power
Good fault/warning has been detected and remains low until the fault/warning
stimulus has been removed and the system/host clears the individual bit flag or
issues “CLEAR_FAULTS” command.
Drive high, >2.4Vdc to indicate no fault conditions within power module are
detected.
Soft-start Power Up
The default rise time of the ramp up is 30ms. When starting by applying input volt-
age the control circuit boot-up time adds an additional 10ms delay. The soft-start
power up of the module can be reconfigured using the PMBus interface.
Output Over Voltage Protection (OVP)
Both OVP limit and response can be configured via PMBus command (See PMBus
Command 40h VOUT_OV_FAULT_LIMIT for details). The default output OVP limit is
set to 20% above nominal output voltage and responds by immediately shutdown
of main output and restarts when the fault condition no longer exists.
Over Current Protection (OCP, Current limit)
The module includes current limiting circuitry for protection at continuous over
load. The default setting for the product is hiccup mode. The current limit can be
configured by PMBus command 0x46, IOUT_OC_FAULT_LIMIT, to be greater than
the IOUT_OC_WARN_LIMIT (PMBus Command 0x4A). The maximum value that
the current limit could be set is 50A.
Power Good
The module provides Power Good (PG) flag in the STATUS_WORD register that
indicates the output voltage is within a specified tolerance of its target level and no
fault condition exists. The Power Good pin default logic is negative and it can be
configured by MFR_PGOOD_POLARITY.
Parallel Load Sharing (S Option, Droop Load Sharing)
Two or more converters may be connected in parallel at both the input and
output terminals to support higher output current or to improve reliability due to
the reduced stress that result when the modules are operating below their rated
limits. For applications requiring current share, followed the guidelines below. The
products have a pre-configured voltage droop. The stated output voltage set point
TECHNICAL & APPLICATIONS OVERVIEW
is at no load. The output voltage will decrease when the load current is increased.
The voltage will drop 0.35V while load reaches max load. Our goal is to have each
converter contribute nearly identical current into the output load under all input,
environmental and load conditions.
CAUTION: This converter is not internally fused. To avoid danger to persons or
equipment and to retain safety certification, the user must connect an external
fast-blow input fuse as listed in the specifications. Be sure that the PC board pad
area and etch size are adequate to provide enough current so that the fuse will
blow with an overload.
Using Parallel Connections – Redundancy (N+1)
The redundancy connections require external user supplied “OR”ing diodes or
“OR”ing MOSFETs for reliability purposes. The diodes allow for an uninterruptible
power system operation in case of a catastrophic failure (shorted output) by one of
the converters.
The diodes should be identical part numbers to enhance balance between the
converters. The default factory nominal voltage should be sufficiently matched
between converters. The OR’ing diode system is the responsibility of the user.
Be aware of the power levels applied to the diodes and possible heat sink
requirements.
Schottky power diodes with approximately 0.3V drops or “OR”ing MOSFETs may
be suitable in the loop whereas 0.7 V silicon power diodes may not be advisable.
In the event of an internal device fault or failure of the mains power modules on
the primary side, the other devices automatically take over the entire supply of
the loads. In the basic N+1 power system, the “N” equals the number of modules
required to fully power the system and “+1” equals one back-up module that will
take over for a failed module. If the system consists of two power modules, each
providing 50% of the total load power under normal operation and one module
fails, another one delivers full power to the load. This means you can use smaller
and less expensive power converters as the redundant elements, while achieving
the goal of increased availability.
Start Up Considerations
When power is first applied to the DC-DC converter, there is some risk of startup
difficulties if you do not have both low AC and DC impedance and adequate
regulation of the input source. Make sure that your source supply does not allow
the instantaneous input voltage to go below the minimum voltage at all times. Use
a moderate size capacitor very close to the input terminals. You may need two or
more parallel capacitors. A larger electrolytic or ceramic cap supplies the surge
current and a smaller parallel low-ESR ceramic cap gives low AC impedance.
Remember that the input current is carried both by the wiring and the ground
plane return. Make sure the ground plane uses adequate thickness copper. Run
additional bus wire if necessary.
Input Fusing
Certain applications and/or safety agencies may require fuses at the inputs of
power conversion components. Fuses should also be used when there is the pos-
sibility of sustained input voltage reversal which is not current-limited. For greatest
safety, we recommend a fast blow fuse installed in the ungrounded input supply
line.
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 13 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com