Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DAQ Datasheet HTML 1Page - Murata Power Solutions Inc. DAQ Datasheet HTML 2Page - Murata Power Solutions Inc. DAQ Datasheet HTML 3Page - Murata Power Solutions Inc. DAQ Datasheet HTML 4Page - Murata Power Solutions Inc. DAQ Datasheet HTML 5Page - Murata Power Solutions Inc. DAQ Datasheet HTML 6Page - Murata Power Solutions Inc. DAQ Datasheet HTML 7Page - Murata Power Solutions Inc. DAQ Datasheet HTML 8Page - Murata Power Solutions Inc. DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 1 of 25
Applications
„ Distributed Power Architectures
„ Intermediate Bus Voltage Applications
„ Networking Equipment including POE applications
„ Servers & Storage Applications
„ Fan Tray assemblies along with other applications
requiring a regulated Voltage source
FEATURES
„ DOSA Compliant Digital Quarter-Brick with PMBus
interface
„ 36-75Vin Range
„ 96% Typical Efficiency
„ Delivers up to 50A (600W)
„ Low Output Ripple & Noise
„ Wide Operating Temperature Range -40°C to +85°C
„ Optional Droop Load Sharing of two or more modules
„ Baseplate included for improved thermal
performance
„ Output Over Current/Voltage Protection
„ Over Temperature Protection
„ Negative & Positive Logic (Negative Logic standard
configuration)
„ Optional Reflow process compatible
„ Three pin/function configurations available:
• Full PMBus with Sense & Trim Pins
• No PMBus with Sense & Trim Pins
• 5 Pin Bus converter, No Sense & Trim Pins
„ Certified to UL 62368-1, CAN/CSA-C22.2
No.62368-1-14, 2nd Ed, 2014-12-01; IEC62368-
1:2014 (Second Edition); standards
„ Basic I/O insulation now available. Refer to
Note [3] on following page for applicable model
information
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
Murata Power Solutions is introducing the first in a
series of DOSA compliant, digitally controlled DC-DC
converters that are based on a 32-bit ARM proces-
sor. The DSQ series provides a fully regulated, digi-
tally controlled DC output in a ¼-brick format that will
support the DOSA industry standard footprint for iso-
lated board mounted power modules. The DSQ series
supports advances in power conversion technology
including a digital interface supporting the PMBus
protocol for communications to power modules. The
DSQ0150V2 is an isolated, regulated, 600W-12Vout
quarter brick that supports the TNV (Telecommunica-
tions Network Voltage) input voltage range of 36V–
75V with a typical efficiency of 96%. The DSQ series
also incorporates a “droop” load sharing option that
allows connecting two or more units together in par-
allel for demanding power-hungry applications or to
provide redundancy in high reliability applications. The
converter also offers high input to output of 2250 VDC
as required for Power over Ethernet (PoE) applications.
The DSQ series is suitable for applications covering
MicroTCA, servers and storage applications, network-
ing equipment,Telecommunications equipment, Power
over Ethernet (PoE), fan trays, wireless networks, wire-
less pre-amplifiers, and industrial and test equipment,
along with other applications requiring a regulated 12V.
PRODUCT OVERVIEW
Output Voltage (V)
Output Current (A)
Input Voltage (V)
12
50
36-75
DSQ
DAQ
DCQ


Similar Part No. - DAQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAQ-2000 ETC2-DAQ-2000 Datasheet
367Kb / 2P
4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling Multi-Function DAQ Cards
DAQ-2000 ETC2-DAQ-2000 Datasheet
486Kb / 3P
Supports a 32-bit 3.3 V or 5 V PCI bus (DAQ-2000 series)
DAQ-2005 ETC2-DAQ-2005 Datasheet
486Kb / 3P
Supports a 32-bit 3.3 V or 5 V PCI bus (DAQ-2000 series)
logo
Adlink Technology Inc.
DAQ-2005 ADLINK-DAQ-2005 Datasheet
199Kb / 1P
4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling DAQ Cards
logo
List of Unclassifed Man...
DAQ-2006 ETC2-DAQ-2006 Datasheet
486Kb / 3P
Supports a 32-bit 3.3 V or 5 V PCI bus (DAQ-2000 series)
More results

Similar Description - DAQ

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
Quarter-Brick
logo
Emerson Network Power
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
Quarter-Brick Series
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
Quarter-Brick Series
logo
SynQor Worldwide Headqu...
IQ65033QMA10 SYNQOR-IQ65033QMA10 Datasheet
1Mb / 15P
Quarter-Brick ATCA Power Interface Module
logo
Murata Manufacturing Co...
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
IRS MURATA-PS-IRS Datasheet
2Mb / 26P
Encapsulated Sixteenth-Brick DOSA-Compatible
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
Digital Power Monitor with PMBus Interface
3/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com