Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 4Page - Murata Power Solutions Inc. DAQ Datasheet HTML 5Page - Murata Power Solutions Inc. DAQ Datasheet HTML 6Page - Murata Power Solutions Inc. DAQ Datasheet HTML 7Page - Murata Power Solutions Inc. DAQ Datasheet HTML 8Page - Murata Power Solutions Inc. DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. DAQ Datasheet HTML 10Page - Murata Power Solutions Inc. DAQ Datasheet HTML 11Page - Murata Power Solutions Inc. DAQ Datasheet HTML 12Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.murata-ps.com/support
MECHANICAL SPECIFICATIONS
NOTES:
UNLESS OTHERWISE SPECIFIED
[1] M3 SCREW USED TO BOLT UNIT’S BASEPLATE TO OTHER SURFACES (SUCH AS HEATSINK) MUST NOT EXCEED
0.110’’ (2.8mm) DEPTH BELOW THE SURFACE OF BASEPLATE.
[2] APPLIED TORQUE PER SCREW SHOULD NOT EXCEED 5.3In-Ib (0.6Nm).
[3] ALL DIMENSION ARE IN INCHES (MILLIMETER).
[4] STANDARD PIN LENGTH: 0.180Inch.
[5] FOR L2 PIN LENGTH OPTION IN MODEL NAME., USE STANDARD L2 PIN WITH PIN LENGTH TO 0.145Inch.
[6] ALL TOLERANCES:
x.xxin, ±0.02in (x.xmm,±0.5mm)
x.xxxin, ±0.01in (x.xxmm, ±0.25mm).
[7] COMPONENTS WILL VARY BETWEEN MODELS.
Material:
Dia 0.040 PINS: COPPER ALLOY
FINISH: (ALL PINS)
GOLD (5µ”MIN), OVER NICKEL (100µ”MIN)
1.860
2.30
★
0.220
M3 TYP 3PL
0.040 Pin 1-3
0.076 Pin 1-3
0.06 Pin 4,8
0.098 Pin 4,8
2.000
★
MFG PLANE
SEE NOTE 4
0.05 Min
0.04 Min
1
2
3
4
8
9
10
12
5
6
7
11
13
14
15
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Please refer to the part number structure for alternate pin lengths.
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 8 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com