Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 15 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 15 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 11Page - Murata Power Solutions Inc. DAQ Datasheet HTML 12Page - Murata Power Solutions Inc. DAQ Datasheet HTML 13Page - Murata Power Solutions Inc. DAQ Datasheet HTML 14Page - Murata Power Solutions Inc. DAQ Datasheet HTML 15Page - Murata Power Solutions Inc. DAQ Datasheet HTML 16Page - Murata Power Solutions Inc. DAQ Datasheet HTML 17Page - Murata Power Solutions Inc. DAQ Datasheet HTML 18Page - Murata Power Solutions Inc. DAQ Datasheet HTML 19Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 15 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
forced airflow measured in Linear Feet per Minute (“LFM”). Note that these are
AVERAGE measurements. The converter will accept brief increases in current or
reduced airflow as long as the average is not exceeded.
Note that the temperatures are of the ambient airflow, not the converter itself
which is obviously running at higher temperature than the outside air. Also note
that “natural convection” is defined as very flow rates which are not using fan-
forced airflow. Depending on the application, “natural convection” is usually about
30-65 LFM but is not equal to still air (0 LFM).
Murata Power Solutions makes Characterization measurements in a closed
cycle wind tunnel with calibrated airflow. We use both thermocouples and an
infrared camera system to observe thermal performance. As a practical matter, it is
quite difficult to insert an anemometer to precisely measure airflow in most appli-
cations. Sometimes it is possible to estimate the effective airflow if you thoroughly
understand the enclosure geometry, entry/exit orifice areas and the fan flow rate
specifications.
CAUTION: If you exceed these Derating guidelines, the converter may have an
unplanned Over Temperature shut down. Also, these graphs are all collected near
Sea Level altitude. Be sure to reduce the derating for higher altitude.
Output Short Circuit Condition
The short circuit condition is an extension of the “Current Limiting” condition. When
the monitored peak current signal reaches a certain range, the PWM controller’s
outputs are shut off thereby turning the converter “off.” This is followed by an
extended time out period. This period can vary depending on other conditions such
as the input voltage level. Following this time out period, the PWM controller will
attempt to re-start the converter by initiating a “normal start cycle” which includes
soft start. If the “fault condition” persists, another “hiccup” cycle is initiated. This
“cycle” can and will continue indefinitely until such time as the “fault condition” is
removed, at which time the converter will resume “normal operation.” Operating in
the “hiccup” mode during a fault condition is advantageous in that average input
and output power levels are held low preventing excessive internal increases in
temperature.
Remote On/Off Control
The DSQ series modules are equipped with an On/Off control pin (internal pull
up, TTL open-collector and/or CMOS open-drain compatible) and is configurable
via PMBus interface. Output is enabled when the On/Off is grounded or brought
to within a low voltage (see specifications) with respect to –Vin. The device is off
(disabled) when the On/Off is left open or is pulled high to +13.5Vdc with respect
to –Vin. The On/Off function allows the module to be turned on/off by an external
device switch.
The restart delay for this module to turn On/Off by the On/Off control pin is
200ms.
On/Off can be configured by PMBus command 0xDD (MFR_PRIMARY_ON_
OFF_ CONFIG); default configuration does not ignore the control pin and therefore
requires the On/Off control pin to be asserted to start the unit.
On/Off status is dependent on On/Off control and OPERATION (PMBus com-
mand) status; both must be ON to turn DSQ on; if one of them is OFF, unit will be
turned off.
Output Capacitive Load
These converters do not require external capacitance added to achieve rated
specifications. Users should only consider adding capacitance to reduce switching
noise and/or to handle spike current load steps. Install only enough capacitance
to achieve noise objectives. Excess external capacitance may cause degraded
transient response and possible oscillation or instability.
Remote Sense Input
Use the Sense inputs with caution. Sense is normally connected at the load. Sense
inputs compensate for output voltage inaccuracy delivered at the load. This is done
by correcting IR voltage drops along the output wiring and the current carrying
capacity of PC board etches. This output drop (the difference between Sense and
Vout when measured at the converter) should not exceed 0.5V. Consider using
heavier wire if this drop is excessive. Sense inputs also improve the stability of the
converter and load system by optimizing the control loop phase margin.
Figure 16. Remote Sense Circuit Configuration
Note: The Sense input and power Vout lines are internally connected through
low value resistors to their respective polarities so that the converter can operate
without external connection to the Sense. Nevertheless, if the Sense function is not
used for remote regulation, the user should connect +Sense to +Vout and –Sense
to –Vout at the converter pins.
The remote Sense lines carry very little current. They are also capacitively cou-
pled to the output lines and therefore are in the feedback control loop to regulate
and stabilize the output. As such, they are not low impedance inputs and must be
treated with care in PC board layouts. Sense lines on the PCB should run adjacent
to DC signals, preferably Ground. In cables and discrete wiring, use twisted pair,
shielded tubing or similar techniques.
Any long, distributed wiring and/or significant inductance introduced into the
Sense control loop can adversely affect overall system stability. If in doubt, test
your applications by observing the converter’s output transient response during
step loads. There should not be any appreciable ringing or oscillation. You may also
adjust the output trim slightly to compensate for voltage loss in any external filter
elements. Do not exceed maximum power ratings.
Please observe Sense inputs tolerance to avoid improper operation:
[Vout(+) −Vout(-)] − [Sense(+) −Sense(-)] ≤ 5% of Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com