Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 21 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 21 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 17Page - Murata Power Solutions Inc. DAQ Datasheet HTML 18Page - Murata Power Solutions Inc. DAQ Datasheet HTML 19Page - Murata Power Solutions Inc. DAQ Datasheet HTML 20Page - Murata Power Solutions Inc. DAQ Datasheet HTML 21Page - Murata Power Solutions Inc. DAQ Datasheet HTML 22Page - Murata Power Solutions Inc. DAQ Datasheet HTML 23Page - Murata Power Solutions Inc. DAQ Datasheet HTML 24Page - Murata Power Solutions Inc. DAQ Datasheet HTML 25Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 21 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
CMD
Command Name
Transaction
Type “Write”
Transaction
Type “Read”
QTY Data
Bytes
Default Value
Lower
Limit
Upper Limit
Unit
Note
79h
STATUS_WORD
Write Word
Read Word
2
N/A
7Ah
STATUS_VOUT
Write Byte
Read Byte
1
N/A
7Bh
STATUS_IOUT
Write Byte
Read Byte
1
N/A
7Ch
STATUS_INPUT
Write Byte
Read Byte
1
N/A
7Dh
STATUS_TEMPERATURE Write Byte
Read Byte
1
N/A
7Eh
STATUS_CML
Write Byte
Read Byte
1
N/A
88h
READ_VIN
N/A
Read Word
2
N/A
V
8Bh
READ_VOUT
N/A
Read Word
2
N/A
V
8Ch
READ_IOUT
N/A
Read Word
2
N/A
A
8Dh
READ_TEMPERATURE_1
N/A
Read Word
2
N/A
°C
94h
READ_DUTY_CYCLE
N/A
Read Word
2
N/A
%
95h
READ_FREQUENCY
N/A
Read Word
2
N/A
kHZ
96h
READ_POUT
N/A
Read Word
2
N/A
W
98h
PMBUS_REVISION
N/A
Read Byte
1
0x42
99h
MFR_ID
N/A
Block Read
22
"Murata
Power
Solutions"
9Ah
MFR_MODEL
Block Write*
Block Read
<=20
N/A
9Bh
MFR_REVISION
Block Write*
Block Read
<=10
N/A
9Dh
MFR_DATE
Block Write*
Block Read
<=10
N/A
9Eh
MFR_SERIAL
Block Write*
Block Read
<=20
N/A
A0h
MFR_VIN_MIN
N/A
Read Word
2
36.00
V
A1h
MFR_VIN_MAX
N/A
Read Word
2
75.00
V
A2h
MFR_IIN_MAX
N/A
Read Word
2
19
A
A3h
MFR_PIN_MAX
N/A
Read Word
2
625
W
A4h
MFR_VOUT_MIN
N/A
Read Word
2
9.600
V
A5h
MFR_VOUT_MAX
N/A
Read Word
2
13.199
V
A6h
MFR_IOUT_MAX
N/A
Read Word
2
50.00
A
A7h
MFR_POUT_MAX
N/A
Read Word
2
600
W
A8h
MFR_TAMBIENT_MAX
N/A
Read Word
2
85
°C
A9h
MFR_TAMBIENT_MIN
N/A
Read Word
2
-40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com