Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 25 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 25 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 17Page - Murata Power Solutions Inc. DAQ Datasheet HTML 18Page - Murata Power Solutions Inc. DAQ Datasheet HTML 19Page - Murata Power Solutions Inc. DAQ Datasheet HTML 20Page - Murata Power Solutions Inc. DAQ Datasheet HTML 21Page - Murata Power Solutions Inc. DAQ Datasheet HTML 22Page - Murata Power Solutions Inc. DAQ Datasheet HTML 23Page - Murata Power Solutions Inc. DAQ Datasheet HTML 24Page - Murata Power Solutions Inc. DAQ Datasheet HTML 25Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical
information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of
licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
© 2022 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
129 Flanders Rd, Westborough, MA 01581 USA
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: https://www.murata-ps.com/requirements/
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 25 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
Figure 16. Vertical Wind Tunnel
IR Video
Camera
IR Transparent
optical window
Variable
speed fan
Heating
element
Ambient
temperature
sensor
Airflow
collimator
Precision
low-rate
anemometer
3” below UUT
Unit under
test (UUT)
Vertical Wind Tunnel
Murata Power Solutions employs a computer controlled
custom-designed closed loop vertical wind tunnel, infrared
video camera system, and test instrumentation for accurate
airflow and heat dissipation analysis of power products. The
system includes a precision low flow-rate anemometer, variable
speed fan, power supply input and load controls, temperature
gauges, and adjustable heating element.
The IR camera monitors the thermal performance of the
Unit Under Test (UUT) under static steady-state conditions. A
special optical port is used which is transparent to infrared
wavelengths.
Both through-hole and surface mount converters are
soldered down to a 10" x 10" host carrier board for realistic
heat absorption and spreading. Both longitudinal and transverse
airflow studies are possible by rotation of this carrier board
since there are often significant differences in the heat dissipa-
tion in the two airflow directions. The combination of adjustable
airflow, adjustable ambient heat, and adjustable Input/Output
currents and voltages mean that a very wide range of measure-
ment conditions can be studied.
The collimator reduces the amount of turbulence adjacent
to the UUT by minimizing airflow turbulence. Such turbulence
influences the effective heat transfer characteristics and gives
false readings. Excess turbulence removes more heat from
some surfaces and less heat from others, possibly causing
uneven overheating.
Both sides of the UUT are studied since there are different ther-
mal gradients on each side. The adjustable heating element and fan,
built-in temperature gauges, and no-contact IR camera mean that power
supplies are tested in real-world conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com