Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 12 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 12 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 8Page - Murata Power Solutions Inc. DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. DAQ Datasheet HTML 10Page - Murata Power Solutions Inc. DAQ Datasheet HTML 11Page - Murata Power Solutions Inc. DAQ Datasheet HTML 12Page - Murata Power Solutions Inc. DAQ Datasheet HTML 13Page - Murata Power Solutions Inc. DAQ Datasheet HTML 14Page - Murata Power Solutions Inc. DAQ Datasheet HTML 15Page - Murata Power Solutions Inc. DAQ Datasheet HTML 16Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 12 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
SHIPPING TRAYS AND BOXES FOR R-OPTION
SHIPPING TRAYS DIMENSIONS For R-OPTION
2.40
3.025
R0.25
9.92
0.38
0.25
A
A
0.25 CHAMFER TYP 4PL
SECTION A-A
SCALE 1 : 3
Material: LOW DENSITY CLOSED CELL POLYETHYLENE STATIC DISSIPATIVE FOAM
Third Angle Projection
Dimensions are in inches shown for ref. only.
Tolerances (unless otherwise specified):
.XX ± 0.02
.XXX ± 0.010
Angles ± 1˚
Label Fab 4.0”x6.0”Shipping label
ESD anti-moisture bag 330mmx380mm
Desiccan Tyver Pouch
Humidity Inductor Card
Co-Free
1/4brick Frame, each
tray is 3*5=15units
Output
end of
convert-
ers
Input end
of con-
verters
1/4” hold in one corner of foam tray added to visually
control converter orientations
Shipping Tray Base
0.75”thick
Shipping box 10”x10”x2.5”
OUTER CARTON
285.75
REF
Apply
manufacture label as shown
Label Paper
ESD Attention Label over
tape sued to seal box
266.70 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com