Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 14 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 14 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 10Page - Murata Power Solutions Inc. DAQ Datasheet HTML 11Page - Murata Power Solutions Inc. DAQ Datasheet HTML 12Page - Murata Power Solutions Inc. DAQ Datasheet HTML 13Page - Murata Power Solutions Inc. DAQ Datasheet HTML 14Page - Murata Power Solutions Inc. DAQ Datasheet HTML 15Page - Murata Power Solutions Inc. DAQ Datasheet HTML 16Page - Murata Power Solutions Inc. DAQ Datasheet HTML 17Page - Murata Power Solutions Inc. DAQ Datasheet HTML 18Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 14 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
Input Under-Voltage Shutdown and Start-Up Threshold
Converters will not begin to fully regulate until the rising input voltage exceeds and
remains at the Start-Up Threshold Voltage (see Specifications). Once operating,
converters will not turn off until the input voltage drops below the Under-Voltage
Shutdown Limit. Subsequent restart will not occur until the input voltage rises
again above the Start-Up Threshold. This built-in hysteresis prevents any unstable
on/off operation at a single input voltage. The over/under-voltage fault level and
fault response and hysteresis can be configured via the PMBus interface. See
commands 0x55 (VIN_OV_FAULT_LIMIT) and 0x59 (VIN_UV_FAULT_LIMIT) in the
PMBus command list for additional details
Start-Up Time
Turn-on time (see Specifications) is the time interval between the point when the
rising input voltage crosses the Start-Up Threshold and the output voltage rises to
within 10% of regulation point.
These converters include a soft start circuit to control Vout ramp time, thereby
limiting the input inrush current.
The On/Off Remote Control interval from On command to Vout (final ±10%)
assumes that the converter already has its input voltage stabilized above the
Start-Up Threshold before the On command. The interval is measured from the On
command until the output enters and remains within its specified accuracy band.
See PMBus command 0x60 (TON_DELAY) for additional configuration details
Recommended Input Filtering
The user must assure that the input source has low AC impedance to provide
dynamic stability and that the input supply has little or no inductive content, includ-
ing long distributed wiring to a remote power supply. The converter will operate
with no additional external capacitance if these conditions are met.
For best performance, we recommend installing a low-ESR capacitor imme-
diately adjacent to the converter’s input terminals. The capacitor should be a
ceramic type such as the Murata GRM32 series or a polymer type. More input bulk
capacitance may be added in parallel (either electrolytic or tantalum) if needed.
Recommended Output Filtering
This series achieves it’s rated output ripple and noise without additional external
capacitance. However, the user may install external output capacitance to further
improve ripple or for improved dynamic response, however low-ESR ceramic
(Murata GRM32 series) or polymer capacitors must be used and mounted close to
the converter using only as much capacitance as required to achieve your ripple
and noise objectives. Excessive capacitance may make step load recovery sluggish
and/or introduce instability. Never exceed the maximum rated output capacitance
listed in the specifications.
Input Ripple Current and Output Noise
All models in this converter series are tested and specified for input reflected ripple
current and output noise using designated external input/output components,
circuits and layout as shown in the figures below. The Cbus and Lbus components
simulate a typical DC voltage bus.
+Vin
-Vin
Vin
Cbus
Lbus
Cin
To
Oscilloscope
Current
Probe
Cin = 220uF, ESR < 700mΩ @ 100kHz
Cbus = 220uF, ESR < 100mΩ @ 100kHz
Lbus = 12uH
Figure 14. Measuring Input Ripple Current
C1
C2
+Vout
-Vout
Rload
SCOPE
C1 = 1uF; C2 = 10uF
LOAD 2-3 INCHES(51-76mm) FROM MODULE
Figure 15. Measuring Output Ripple and Noise (PARD)
Minimum Output Loading Requirements
All models regulate within specification and are stable under no load to full load
conditions.
Thermal Shutdown (OTP)
This series includes thermal sense and shutdown circuitry that protects itself from
overtemperature conditions. Upon detection of overtemperature condition defined
by PMBus command 0x4F “OT_FAULT_LIMIT”, the module enters OTP and shuts
down. Once the temperature falls below restart threshold, as defined in PMBus
command list, (OT_FAULT_LIMIT, 0x4F and MFR_OT_ FAULT_HYS, 0xEA), the
module automatically restarts. OTP fault limit and recovery hysteresis are configu-
rable via PMBus.
CAUTION: If you operate too close to the thermal limits, the converter may shut
down suddenly without warning. Be sure to thoroughly test your application to
avoid unplanned thermal shutdown.
Temperature Derating Curves
The graphs in this data sheet illustrate typical operation under a variety of condi-
tions. The Derating curves show the maximum continuous ambient air temperature
and decreasing maximum output current which is acceptable under increasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com