Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 3Page - Murata Power Solutions Inc. DAQ Datasheet HTML 4Page - Murata Power Solutions Inc. DAQ Datasheet HTML 5Page - Murata Power Solutions Inc. DAQ Datasheet HTML 6Page - Murata Power Solutions Inc. DAQ Datasheet HTML 7Page - Murata Power Solutions Inc. DAQ Datasheet HTML 8Page - Murata Power Solutions Inc. DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. DAQ Datasheet HTML 10Page - Murata Power Solutions Inc. DAQ Datasheet HTML 11Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 7 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
PERFORMANCE DATA
Figure 7. Ripple/Noise @+25°C
(Vin=48V, Iout=0A, Cload=330μF, ScopeBW=20MHz, 2μS/div, 50mV/div)
Figure 8. Ripple/Noise @+25°C
(Vin=48V, Iout=50A, Cload=330μF, ScopeBW=20MHz, 2μS/div, 50mV/div)
Figure 9. Enable Start-up Delay (CH2: Vout, CH4: On/Off)
(Vin=48V, Iout=0A, Cload=330μF, Ta=+25°C, 5ms/div)
Figure 10. Enable Start-up Delay (CH2: Vout, CH4: On/Off)
(Vin=48V, Iout=50A, Cload=330μF, Ta=+25°C, 5ms/div)
Figure 12. Vin Start-up Delay (CH2: Vout, CH1: Vin)
(Vin=48V, Iout=50A, Cload=330μF, Ta=+25°C, 20ms/div)
Figure 11. Vin Start-up Delay (CH2: Vout, CH1: Vin)
(Vin=48V, Iout=0A, Cload=330μF, Ta=+25°C, 20ms/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com