Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  DAQ Datasheet HTML 1Page - Murata Power Solutions Inc. DAQ Datasheet HTML 2Page - Murata Power Solutions Inc. DAQ Datasheet HTML 3Page - Murata Power Solutions Inc. DAQ Datasheet HTML 4Page - Murata Power Solutions Inc. DAQ Datasheet HTML 5Page - Murata Power Solutions Inc. DAQ Datasheet HTML 6Page - Murata Power Solutions Inc. DAQ Datasheet HTML 7Page - Murata Power Solutions Inc. DAQ Datasheet HTML 8Page - Murata Power Solutions Inc. DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 4 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
FEATURES AND OPTIONS
Conditions
Minimum
Typical/Nominal
Maximum
Units
Remote On/Off Control Click link for additional information in technical notes section
Primary On/Off control (suitable for driving open collector logic; voltages referenced to -Vin)
“P” Suffix:
Positive Logic, ON state
ON = pin open or external voltage
3.5
13.5
V
Positive Logic, OFF state
OFF = ground pin or external voltage
0
0.8
V
Control Current
open collector/drain
0.1
0.2
mA
“N” suffix:
Negative Logic, ON state
ON = ground pin or external voltage
-0.1
0.8
V
Negative Logic, OFF state
OFF = pin open or external voltage
3.5
13.5
V
Control Current
open collector/drain
0.1
0.2
mA
Remote Sense Compliance
Sense pins connected externally to respective Vout pins
10
%
OUTPUT
Total Output Power
0
600
612
W
Voltage
Initial Output Voltage
VIN = 48V Iout = 0A temp = 25C, both with/without "S" suffix
11.98
12.02
Vdc
Output Voltage(without"S" suffix)
" VOUT_DROOP = 0mohm
All conditions"
11.76
12
12.24
Vdc
Output Voltage(with"S" suffix)
" VOUT_DROOP =7mohm
All conditions"
(12.000-Iout*0.007)*0.98
12.000-Iout*0.007
(12.000-Iout*0.007)*1.02
Vdc
Output Adjust Range(without"S"
suffix)
Hardware TRIM
9.6
13.2
Vdc
Trim Down: Trim (pin #6) to -Vout
Sense (pin #5)
Rt down (kΩ) =5.11/((Vonom-Vo)/Vonom)-10.22
-20
%
Trim Up: Trim (pin #6) to +Vout
Sense (pin #7)
"Rt up(kΩ)= 5.11*Vonom*(1+Δ)/(1.225*Δ)-5.11/Δ-10.22
Δ=|(Vonom-Vo)/Vonom|"
+10
%
Overvoltage Protection
Configurable via PMBus
13.8
14.4
15.6
Vdc
Voltage Droop
Default, configurable via PMBus
0
mΩ
Voltage Droop, for S suffix
Default, configurable via PMBus
7
mΩ
Current
Output Current Range
0
50
50
A
Minimum Load
No minimum load
Current Limit Inception
90% of Vnom., after warm-up, Configurable via PMBus(Need check the
OCP Inception of Vout is whether reasonable)
56
60
65
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within 1% of Vout
0.4
1
A
Short Circuit Duration
Output shorted to ground, no damage
Continuous
(remove short for recovery)
Short circuit protection method
Hiccup current limiting
Non-latching
Regulation
Line Regulation
Vin = 36-75, Vout = nom., full load
75
mV
Load Regulation(without " S
"suffix
"Iout = min. to max., Vin = nom.
|Vout@min_load-Vout@max_load| "
45
mV
Load Regulation(with" S "suffix
"Iout = min to max
Vin = nom. @cold condition
|Vout@min_load-Vout@max_load-Iout*VOUT_DROOP|"
120
mV
Ripple and Noise
"(Vin=Vinnom and Io=Iomin to Iomax, tested with a 1.0 μF
ceramic, 10 μF tantalum and 330μF low ESR polymer
capacitor across the load.)"
120
150
mV pk-pk
Temperature Coefficient
At all outputs
0.01
0.02
% of
Vnom./°C
Maximum Output Capacitance
Low ESR
330
10,000
μF
PMBUS MONITORING ACCURACY
VIN_READ
-3
3
%
VOUT_READ
-2
2
%
IOUT_READ
-2
2
A
TEMP_READ
-5
5
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com