Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DAQ Datasheet HTML 1Page - Murata Power Solutions Inc. DAQ Datasheet HTML 2Page - Murata Power Solutions Inc. DAQ Datasheet HTML 3Page - Murata Power Solutions Inc. DAQ Datasheet HTML 4Page - Murata Power Solutions Inc. DAQ Datasheet HTML 5Page - Murata Power Solutions Inc. DAQ Datasheet HTML 6Page - Murata Power Solutions Inc. DAQ Datasheet HTML 7Page - Murata Power Solutions Inc. DAQ Datasheet HTML 8Page - Murata Power Solutions Inc. DAQ Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 3 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
FUNCTIONAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Conditions [1]
Minimum
Typical/Nominal
Maximum
Units
Input Voltage, Continuous
0
75
Vdc
Input Voltage, Transient
100 ms max. duration
100
Vdc
Voltage
Input to output
2250
Vdc
On/Off Remote Control
Power on, referred to -Vin
0
13.5
Vdc
Output Power
0
612
W
Output Current
Current-limited, no damage, short-circuit protected
0
50
A
Storage Temperature Range
Vin = Zero (no power)
-55
125
°C
Absolute maximums are stress ratings. Exposure of devices to greater than any of these conditions may adversely affect long-term reliability. Proper operation under conditions other than
those listed in the Performance/Functional Specifications Table is not implied nor recommended.
General Conditions for Device under Test unless otherwise specified:
Typical at ambient temperature +25°C, nominal line voltage and nominal load conditions; All models are specified with an external 220μF input capacitor and 1μF & 10μf capacitors across
their output pins.
INPUT
Operating voltage range (V2)
36
48
75
Vdc
Start-up threshold
(Default, configurable via PMBus)
32
34
36
Vdc
Undervoltage shutdown
(Default, configurable via PMBus)
30
32
34
Vdc
Internal Filter Type
Pi
External Input fuse
30
A
Input current
Full Load Conditions
Vin = nominal
13.00
13.50
A
Low Line input current
Vin = minimum
17.50
18.00
A
Inrush Transient
Vin = 48V.
0.7
1
A2-Sec.
Short Circuit input current
0.1
0.2
A
No Load input current
Vin = 48V,Iout =0, unit=ON
80
110
mA
Shut-Down input current (Off, UV,
OT)
30
mA
Back Ripple Current
no filtering
1.5
Ap-p
GENERAL AND SAFETY
Efficiency
Vin=48V, full load
94.5
96
%
Voltage
Input to output
2250
Vdc
Input to Baseplate
1500
Vdc
Output to Baseplate
1500
Vdc
Insulation Safety Rating
Contact the factory for Basic Insulation
Functional
Resistance
10
MΩ
Capacitance
1500
pF
Safety
Certified to UL62368-1, CAN/CSA-C22.2 No.62368-1-14, 2nd Ed,
2014-12-01; IEC62368-1:2014 (Second Edition)
Yes
Calculated MTBF
Per Telcordia SR-332, Issue 3, Method 1, Case 1, Ground Fixed
5000
Hours x 103
DYNAMIC CHARACTERISTICS
Switching Frequency (Configurable via PMBus)
Fixed Frequency Control
180
kHz
Variable Frequency Control
(Default)
NA
kHz
Turn On Time (Configurable via PMBus)
Vin On to within 10% Vout steady
state
80
90
ms
Remote On to within 10% Vout
steady state
5
ms
Vout Rise Time (Default, Configurable via PMBus)
From 10%~90%
30
ms
Dynamic Load Response
50-75-50%, 0.1A/us,within 1% of Vout (Vin=Vinnom, tested with a 1.0
μF ceramic, 10 μF tantalum and 330μF low ESR polymer
capacitor across the load.)
200
300
µSec
Dynamic Load Peak Deviation
±250
±350
mV
Dynamic Load Response
50-75-50%, 1A/us,within 1% of Vout (Vin=Vinnom, tested with a 1.0 μF
ceramic, 10 μF tantalum and 330μF low ESR polymer
capacitor across the load.)
300
750
µSec
Dynamic Load Peak Deviation
±500
±750
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com