Electronic Components Datasheet Search
  English  ▼

X  

DAQ Datasheet(PDF) 17 Page - Murata Power Solutions Inc.

Part # DAQ
Description  600W Quarter Brick DOSA Digital PMBus Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAQ Datasheet(HTML) 17 Page - Murata Power Solutions Inc.

Back Button DAQ Datasheet HTML 13Page - Murata Power Solutions Inc. DAQ Datasheet HTML 14Page - Murata Power Solutions Inc. DAQ Datasheet HTML 15Page - Murata Power Solutions Inc. DAQ Datasheet HTML 16Page - Murata Power Solutions Inc. DAQ Datasheet HTML 17Page - Murata Power Solutions Inc. DAQ Datasheet HTML 18Page - Murata Power Solutions Inc. DAQ Datasheet HTML 19Page - Murata Power Solutions Inc. DAQ Datasheet HTML 20Page - Murata Power Solutions Inc. DAQ Datasheet HTML 21Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.murata-ps.com/support
SDC_DSQ_DAQ_DCQ0150V2.A04.D02 Page 17 of 25
DSQ/DAQ/DCQ Series
600W Quarter Brick
DOSA Digital PMBus Interface
Emissions Performance
Murata Power Solutions measures its products for conducted emissions against
the EN 55022 and CISPR 22 standards. Passive resistance loads are employed
and the output is set to the maximum voltage. If you set up your own emissions
testing, make sure the output load is rated at continuous power while doing the
tests.
The recommended external input and output capacitors (if required) are
included. Please refer to the fundamental switching frequency. All of this informa-
tion is listed in the Product Specifications. An external discrete filter is installed
and the circuit diagram is shown below.
[2] Conducted Emissions Test Equipment Used
Hewlett Packard HP8594L Spectrum Analyzer – S/N 3827A00153
2 Line V-networks LS1-15V 50Ω/50Uh Line Impedance Stabilization Network
LOAD
C2
L1
C6 C7
DC/DC
C12
+
+
VCC
RTN
-48V
GND
GND
C3
C1
L2
C5
C4
C8
C9 C10 C11
Reference
Part Number
Description
Vendor
C1, C2, C3, C4, C5
GRM32ER72A105KA01L
SMD CERAMIC-100V-
1000nF-X7R-1210
Murata
C6
GRM319R72A104KA01D
SMD CERAMIC100V-100nF-
±10%-X7R-1206
Murata
L1, L2
PG0060T
COMMON MODE-473uH-
±25%-14A
Pulse
C8, C9, C10, C11
GRM55DR72J224KW01L
SMD CERAMIC630V-0.22uF-
±10%-X7R-2220
Murata
C7
UHE2A221MHD
Aluminum100V-220Uf-
±10%-long lead
Nichicon
C12
NA
[1] Conducted Emissions Parts List
[3] Conducted Emissions Test Results
Graph 1. Conducted emissions performance, Positive Line,
CISPR 22, Class B, full load
Graph 2. Conducted emissions performance, Negative Line,
CISPR 22, Class B, full load
[4] Layout Recommendations
Most applications can use the filtering which is already installed inside the
converter or with the addition of the recommended external capacitors. For greater
emissions suppression, consider additional filter components and/or shielding.
Emissions performance will depend on the user’s PC board layout, the chassis
shielding environment and choice of external components.
Since many factors affect both the amplitude and spectra of emissions, we
recommend using an engineer who is experienced at emissions suppression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com