Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 25Page - NXP Semiconductors RT600 Datasheet HTML 26Page - NXP Semiconductors RT600 Datasheet HTML 27Page - NXP Semiconductors RT600 Datasheet HTML 28Page - NXP Semiconductors RT600 Datasheet HTML 29Page - NXP Semiconductors RT600 Datasheet HTML 30Page - NXP Semiconductors RT600 Datasheet HTML 31Page - NXP Semiconductors RT600 Datasheet HTML 32Page - NXP Semiconductors RT600 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
29 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO1_15
C2
N3
M15
Z I/O 0
PIO1_15 — General-purpose digital input/output pin.
Remark: The state of this pin at Reset in conjunction with
PIO1_16 and PIO1_17 will determine the boot source for the
part or if ISP handler is invoked. See the Boot Process
chapter in the relevant User Manual for more details.
I/O 1
HS_SPI_SSEL1 — Slave Select 1 for high speed SPI.
2
R — Reserved
3
R — Reserved
O
4
CTIMER3_MAT0 — 32-bit CTimer3 match output 0.
PIO1_16
C3
M4
P17
Z I/O 0
PIO1_16 — General-purpose digital input/output pin.
Remark: The state of this pin at Reset in conjunction with
PIO1_15 and PIO1_17 will determine the boot source for the
part or if ISP handler is invoked. See the Boot Process
chapter in the relevant User Manual for more details.
I/O 1
HS_SPI_SSEL2 — Slave Select 2 for high speed SPI.
O
2
SCT0_OUT8 — SCTimer/PWM output 8.
3
R — Reserved.
O
4
CTIMER3_MAT1 — 32-bit CTimer3 match output 1.
PIO1_17
B2
N4
M13
Z I/O 0
PIO1_17 — General-purpose digital input/output pin.
Remark: The state of this pin at Reset in conjunction with
PIO1_15 and PIO1_16 will determine the boot source for the
part or if ISP handler is invoked. See the Boot Process
chapter in the relevant User Manual for more details.
I/O 1
HS_SPI_SSEL3 — Slave Select 3 for high speed SPI.
O
2
SCT0_OUT9 — SCTimer/PWM output 9.
3
R — Reserved.
O
4
CTIMER3_MAT2 — 32-bit CTimer3 match output 2.
[6]
I
-
PDM_DATA45 — PDM data input for DMIC channels 4 and 5.
PIO1_18
B7
T9
U4
Z I/O 0
PIO1_18 — General-purpose digital input/output pin.
O
1
FLEXSPI0A_SCLK — Clock output for the FlexSPI A
interface.
I
2
SCT0_GPI0 — Pin input 0 to SCTimer/PWM.
3
R — Reserved.
O
4
CTIMER3_MAT3 — 32-bit CTimer3 match output 3.
PIO1_19
B4
T4
U16
Z I/O 0
PIO1_19 — General-purpose digital input/output pin.
O
1
FLEXSPI0A_SS0_N — Active low slave select 0 for the
FlexSPI A interface.
O
2
SCT0_OUT0 — SCTimer/PWM output 0.
3
R — Reserved.
O
4
CTIMER4_MAT0 — 32-bit CTimer4 match output 0.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com