Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 62Page - NXP Semiconductors RT600 Datasheet HTML 63Page - NXP Semiconductors RT600 Datasheet HTML 64Page - NXP Semiconductors RT600 Datasheet HTML 65Page - NXP Semiconductors RT600 Datasheet HTML 66Page - NXP Semiconductors RT600 Datasheet HTML 67Page - NXP Semiconductors RT600 Datasheet HTML 68Page - NXP Semiconductors RT600 Datasheet HTML 69Page - NXP Semiconductors RT600 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
66 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
[1] This is a suggested configuration of cacheable and non-cacheable regions, See Section 10.12.10.1 below.
[2] The HiFi 4 does not use AHB to access this space.
[3] AHB peripherals on other AHB matrix ports are not accessible to the HiFi 4. See Section 10.12.9 “AHB
peripherals”.
10.12.10.1 Using cacheable and non-cacheable memory regions
The cacheable and non-cacheable regions indicated in the table above and elsewhere in
this chapter are recommended (not forced by hardware) in order to insure that the TCMs
are not in cacheable space. If this is not done, TCM accesses will use additional power
while providing no performance improvement. Cacheable and non-cacheable regions
may be user configured via software tools (e.g. the linker used to create HiFi 4 code), and
at run time via API calls.
The recommended configuration allows the user to control cache usage for the large
shared memory via the two logical address ranges that access the same physical
memories. By selecting the address for specific memory usage (as shown in Table 15),
the cache will, or will not, be used for that access.
For example, HiFi4 code may always be placed at cacheable addresses. Data that is
accessed as a long sequential stream (and therefore not useful to cache) may be placed
in non-cacheable addresses. Avoiding the cache when it is not needed will save power
and leave more cache space for operations that can take advantage of it.
In addition, cacheing certain areas, such as data that is altered through a different path
such as DMA, or peripheral registers, can cause improper operation.
10.13 System control
10.13.1 Clock sources
The RT600 supports three external and three internal clock sources:
• 12 MHz Free Running Oscillator
• 48/60 MHz Free Running Oscillator (FRO).
• 1 MHz Low-Power Internal Oscillator.
• Crystal oscillator.
• 32 kHz Crystal Oscillator
• External Clock Input pin (50 MHz maximum)
10.13.1.1 12 MHz Free Running Oscillator (FRO)
The FRO 12 MHz oscillator provides the default clock at reset and provides a clean
system clock shortly after the supply pins reach operating voltage. This FRO oscillator,
factory trimmed for accuracy, that can optionally be used as a system clock as well as
other purposes
10.13.1.2 48/60 MHz Free Running Oscillator (FRO)
Selectable 48 MHz or 60 MHz FRO oscillator, factory trimmed for accuracy, that can
optionally be used as a system clock as well as other purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com