Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 46Page - NXP Semiconductors RT600 Datasheet HTML 47Page - NXP Semiconductors RT600 Datasheet HTML 48Page - NXP Semiconductors RT600 Datasheet HTML 49Page - NXP Semiconductors RT600 Datasheet HTML 50Page - NXP Semiconductors RT600 Datasheet HTML 51Page - NXP Semiconductors RT600 Datasheet HTML 52Page - NXP Semiconductors RT600 Datasheet HTML 53Page - NXP Semiconductors RT600 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
50 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
8. Power Supply for pins
Table 5 shows the GPIOs belonging to the specific VDDIO groups and VDD_AO1V8 domain. Each
VDDIO supply pin may be supplied at different voltage levels as needed by the application and can
be powered between 1.71 V to 3.6 V.
Note: Please refer to Hardware Development Guide for the RT600 Processor on nxp.com.
This guide provides information about board layout recommendations and design
checklists to ensure first-pass success and to avoid problems with board bring-up.
Table 5.
Power Supply for pins
Pin
GPIO pins
VDDIO_0
PIO0_0 to PIO0_13(Fail Safe Pads)
PIO1_11 to PIO1_17(Fail Safe Pads)
PIO1_18 to PIO1_29(High Speed Pads)
PIO2_12 to PIO2_23(Fail Safe Pads)
PIO3_25 to PIO3_31(Fail Safe Pads)
PIO4_0 to PIO4_10(Fail Safe Pads)
PIO7_24 to PIO7_31(Fail Safe Pads)
VDDIO_1
PIO0_14 to PIO0_31 (Fail Safe Pads)
PIO1_0 to PIO1_10 (Fail Safe Pads)
PIO2_24 to PIO2_31 (Fail Safe Pads)
PIO3_0 to PIO3_24 (Fail Safe Pads)
PMIC_I2C_SCL (Fail Safe Pads)
PMIC_I2C_SDA (Fail Safe Pads)
VDDIO_2
PIO1_30 to PIO1_31(High Speed Pads)
PIO2_0 to PIO2_8(High Speed Pads)
PIO2_9 to PIO2_11(Fail Safe Pads)
VDD_AO1V8
RESETN (Fail Safe Pad)
LDO_ENABLE (Fail Safe Pad)
PMIC_IRQ_N (Fail Safe Pad)
PMIC_MODE0 and PMIC_MODE1 (Fail Safe Pads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com