Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 82Page - NXP Semiconductors RT600 Datasheet HTML 83Page - NXP Semiconductors RT600 Datasheet HTML 84Page - NXP Semiconductors RT600 Datasheet HTML 85Page - NXP Semiconductors RT600 Datasheet HTML 86Page - NXP Semiconductors RT600 Datasheet HTML 87Page - NXP Semiconductors RT600 Datasheet HTML 88Page - NXP Semiconductors RT600 Datasheet HTML 89Page - NXP Semiconductors RT600 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
86 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
• 12-bit conversion rate of 5.0 Msamples/s. Options for reduced resolution at higher
conversion rates.
• Burst conversion mode for single or multiple inputs.
• Synchronous or asynchronous operation. Asynchronous operation maximizes
flexibility in choosing the ADC clock frequency, Synchronous mode minimizes trigger
latency and can eliminate uncertainty and jitter in response to a trigger.
10.20.2 Temperature sensor
The temperature sensor transducer uses an intrinsic pn-junction diode reference and
outputs a CTAT voltage (Complement To Absolute Temperature). The temperature sensor
is only approximately linear with a slight curvature. The output voltage is measured over
different ranges of temperatures and fit with linear-least-square lines.
After power-up, the temperature sensor output must be allowed to settle to its stable value
before it can be used as an accurate ADC input.
10.20.3 Analog Comparator
The comparator (CMP) module provides a circuit for comparing two analog input voltages.
The comparator circuit is designed to operate across the full range of the supply voltage,
known as rail-to-rail operation.
10.21 Security features
The security system on RT600 has a set of hardware blocks and ROM code to implement
the security features of the device. The hardware consists of an AES engine, a SHA
engine (Hash-AES block), a random number generator, and a key storage block that keys
from an SRAM based PUF (Physically Unclonable Function). All components of the
system can be accessed by the processor or the DMA engine to encrypt or decrypt data
and for hashing. The ROM is responsible for secure boot in addition to providing support
for various security functions.
10.21.1 Features
• Trust Zone M
• AES256 Decryption Engine.
• SHA-1, SHA-2 HASH Engine.
• Physical Unclonable Function (PUF) Key Generation.
• CASPER security Cortex-M33 co-processor.
• Random number generator (RNG).
• On-the-Fly Decryption on Octal/Quad0 SPI interface.
• Universally Unique Identifier (UUID)
• Device Identifier Composition Engine (DICE)
10.21.2 AES256
RT600 devices provide an on-chip hardware AES encryption and decryption engine to
protect the image content and to accelerate processing for data encryption or decryption,
data integrity, and proof of origin. Data can be encrypted or decrypted by the AES engine
using a key from the PUF or a software supplied key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com