Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 27Page - NXP Semiconductors RT600 Datasheet HTML 28Page - NXP Semiconductors RT600 Datasheet HTML 29Page - NXP Semiconductors RT600 Datasheet HTML 30Page - NXP Semiconductors RT600 Datasheet HTML 31Page - NXP Semiconductors RT600 Datasheet HTML 32Page - NXP Semiconductors RT600 Datasheet HTML 33Page - NXP Semiconductors RT600 Datasheet HTML 34Page - NXP Semiconductors RT600 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
31 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO1_28
-
U9
T6
Z I/O 0
PIO1_28 — General-purpose digital input/output pin.
O
1
FLEXSPI0A_DQS — Data strobe output for the FlexSPI A
interface.
I
2
SCT0_GPI5 — Pin input 5 to SCTimer/PWM.
3
R — Reserved.
4
R — Reserved.
PIO1_29
-
U3
U14
Z I/O 0
PIO1_29 — General-purpose digital input/output pin.
O
1
FLEXSPI0A_SS1_N — Active low slave select 1 for the
FlexSPI A interface.
I/O 2
SCT0_OUT5 — SCTimer/PWM output 5.
I
3
UTICK_CAP2 — Micro-tick timer capture input 2.
I
4
CTIMER_INP13 — Capture input 13 to CTIMER input muxes.
O
5
FLEXSPI0A_SCLK_N or FLEXSPI0B_SCLK — Inverted
clock output for the FlexSPI A interface or
Clock output for the FlexSPI B interface.
PIO1_30
-
P10
P5
Z I/O 0
PIO1_30 — General-purpose digital input/output pin.
O
1
SD0_CLK — SD/MMC0 clock.
I
2
SCT0_GPI0 — Pin input 0 to SCTimer/PWM.
PIO1_31
-
R9
N8
Z I/O 0
PIO1_31 — General-purpose digital input/output pin.
I/O 1
SD0_CMD — SD/MMC0 card command I/O.
I
2
SCT0_GPI1 — Pin input 1 to SCTimer/PWM.
PIO2_0
-
R11
N6
Z I/O 0
PIO2_0 — General-purpose digital input/output pin.
I/O 1
SD0_D[0] — SD/MMC0 interface data 0.
I
2
SCT0_GPI2 — Pin input 2 to SCTimer/PWM.
PIO2_1
-
T11
K6
Z I/O 0
PIO2_1 — General-purpose digital input/output pin.
I/O 1
SD0_D[1] — SD/MMC0 interface data 1.
I
2
SCT0_GPI3 — Pin input 3 to SCTimer/PWM.
PIO2_2
-
U11
P6
Z I/O 0
PIO2_2 — General-purpose digital input/output pin.
I/O 1
SD0_D[2] — SD/MMC0 interface data 2.
O
2
SCT0_OUT0 — SCTimer/PWM output 0.
PIO2_3
-
T12
M5
Z I/O 0
PIO2_3 — General-purpose digital input/output pin.
I/O 1
SD0_D[3] — SD/MMC0 interface data 3.
O
2
SCT0_OUT1 — SCTimer/PWM output 1.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com