Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 85Page - NXP Semiconductors RT600 Datasheet HTML 86Page - NXP Semiconductors RT600 Datasheet HTML 87Page - NXP Semiconductors RT600 Datasheet HTML 88Page - NXP Semiconductors RT600 Datasheet HTML 89Page - NXP Semiconductors RT600 Datasheet HTML 90Page - NXP Semiconductors RT600 Datasheet HTML 91Page - NXP Semiconductors RT600 Datasheet HTML 92Page - NXP Semiconductors RT600 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
89 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
11. Limiting values
Table 18. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD_AO1V8
Supply 1.8 V supply for
“always on” features.
[2] -0.3
1.98
V
VDD1V8
1.8 V supply voltage for
on-chip analog functions
other than the ADC and
comparator.
[2]
-0.3
1.98
V
VDD1V8_1
1.8 V supply voltage for OTP.
[2]
-0.3
1.98
V
VDDCORE
Power supply for core logic
On-chip regulator not used.
Power supplied by an off-chip
power management IC (PMIC).
[2]
-0.3
1.32
V
VDDIO_0/1/2
Supply voltage for GPIO pins
[2]
-0.3
3.96
V
VDDA_ADC1V8 1.8 V analog supply voltage
for ADC and comparator.
[2]
-0.3
1.98
V
VDDA_BIAS
Bias for ADC and
comparator. VDD_BIAS must
be equal to ADC input
voltage or max comparator
input voltage.
[2]
-0.3
3.96
V
VREFP
ADC positive reference
voltage
[2]
-0.3
1.98
V
USB1_VBUS
USB1_VBUS detection
-0.3
5.6
V
USB1_VDD3V3 USB1 analog 3.3 V supply
[2]
-0.3
3.96
V
IDD
supply current (VFBGA176)
per VDDIO pin,
1.71 V  VDDIO  3.6 V
[3] -
100
mA
supply current (WLCSP114)
per VDDIO pin,
1.71 V  VDDIO  3.6 V
[3] -
100
mA
supply current (FOWLP249) per VDDIO pin,
1.71 V  VDDIO  3.6 V
[3] -
100
mA
ISS
ground current (VFBGA176)
1.71 V  VDDIO  3.6 V
[3] -
100
mA
ground current (WLCSP114)
1.71 V  VDDIO  3.6 V
[3] -
100
mA
ground current (FOWLP249)
1.71 V  VDDIO  3.6 V
[3] -
100
mA
Ilatch
I/O latch-up current
(0.5VDD) < VI < (1.5VDD);
Tj < 125 C
-
100
mA
Tstg
storage temperature
-55
150
C
Tj(max)
maximum junction
temperature
-
105
C
Ptot(pack)
total power dissipation (per
package)
VFBGA176, based on package
heat transfer, not device power
consumption
[5] -
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com