Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 138 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 138 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 134Page - NXP Semiconductors RT600 Datasheet HTML 135Page - NXP Semiconductors RT600 Datasheet HTML 136Page - NXP Semiconductors RT600 Datasheet HTML 137Page - NXP Semiconductors RT600 Datasheet HTML 138Page - NXP Semiconductors RT600 Datasheet HTML 139Page - NXP Semiconductors RT600 Datasheet HTML 140Page - NXP Semiconductors RT600 Datasheet HTML 141Page - NXP Semiconductors RT600 Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
138 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
16.2 Standard I/O pin configuration
The RT600 contains 2 types of GPIO pins: Fail-Safe and High-Speed. Figure 32 shows
the simplified pin diagram for the Fail-Safe GPIO pins and Figure 33 shows the simplified
pin diagram for the High-Speed GPIO pins.
16.3 I/O power consumption
I/O pins are contributing to the overall dynamic and static power consumption of the part.
If pins are configured as digital inputs, a static current can flow depending on the voltage
level at the pin and the setting of the internal pull-up and pull-down resistors. This current
can be calculated using the parameters Rpu and Rpd given in Table 30 for a given input
voltage VI. For pins set to output, the current drive strength is given by parameters IOH and
IOL in Table 30, but for calculating the total static current, you also need to consider any
external loads connected to the pin.
Fig 32. Simplified fail-safe GPIO pins
Fig 33. Simplified high-speed GPIO pins
PUPDENA
PUPDSEL
PU/PD
Devices
SLEWRATE
Data out
Data in
I/O
Pin
FULLDRIVE
ESD
Clamp
ODENA
Output
Driver
Input
Buffer
IIENA
AMENA
Analog mux in
IBENA
obe
Analog in
0
1
PUPDENA
PUPDSEL
PU/PD
Devices
Data out
I/O
Pin
Output
Driver
VDDIO_x
Data in
Input
Buffer
IIENA
IBENA
0
1
FULLDRIVE
ODENA
obe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com