Electronic Components Datasheet Search
  English  ▼

X  

RF226AP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 12Page - NXP Semiconductors RF226AP Datasheet HTML 13Page - NXP Semiconductors RF226AP Datasheet HTML 14Page - NXP Semiconductors RF226AP Datasheet HTML 15Page - NXP Semiconductors RF226AP Datasheet HTML 16Page - NXP Semiconductors RF226AP Datasheet HTML 17Page - NXP Semiconductors RF226AP Datasheet HTML 18Page - NXP Semiconductors RF226AP Datasheet HTML 19Page - NXP Semiconductors RF226AP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
aaa-037552
Baseband filter
5th order, Butterworth
Gain control
fc = 10 to 40 MHz
dcccxt
dcccxt
RXBB_OUT_I_P
RXBB_OUT_Q_P
RXBB_OUT_Q_N
RXBB_OUT_I_N
V2I
RSSI
RX_HB_IN
HB LO I HB LO Q
RX
mixer
HB
LNA
V2I
RSSI
RX_LB_IN
LB LO I LB LO Q
RX
mixer
LB
LNA
Figure 6. Detailed block diagram of one receive chain. The second receive chain and the
observation chains are identical, except for the RO2 chain which has no LB input.
The receive data path is DC coupled to avoid settling issues. To mitigate offset errors it is
recommended to perform offset compensation at the input of the active analog filter. The
DC offset compensation algorithm has to be run in the baseband.
The observation receivers are identical to the TRX receivers, except for that the second
observation receiver has no LB chain.
3.3.1 RxRF RSSI
The RxRF RSSI have three detection levels, that needs to be sampled at a nominal rate of
20 MSps using sample clocks derived from the 160 MHz synthesizer, synchronized for
all four receiver branches.
The decay rate of the peak detectors can be configurable to allow for a setting with
nonsignificant decay during a 50 ns sampling interval, but not so slow decay that it
becomes unable to track a change in signal level due to a radar pulse falling edge, that is
caused by out-of-band RADAR pulses which change the energy level for short durations
of 500-1000 ns in a periodic pattern.
The sampling in the analog detector is done using the 160 MHz clock from the
synthesizer, down-sampling and filtering is performed in the digital core.
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
16
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com