Electronic Components Datasheet Search
  English  ▼

X  

RF226AP Datasheet(PDF) 42 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 38Page - NXP Semiconductors RF226AP Datasheet HTML 39Page - NXP Semiconductors RF226AP Datasheet HTML 40Page - NXP Semiconductors RF226AP Datasheet HTML 41Page - NXP Semiconductors RF226AP Datasheet HTML 42Page - NXP Semiconductors RF226AP Datasheet HTML 43Page - NXP Semiconductors RF226AP Datasheet HTML 44Page - NXP Semiconductors RF226AP Datasheet HTML 45Page - NXP Semiconductors RF226AP Datasheet HTML 46Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT804-4
- - -
- - -
- - -
sot804-4_po
10-05-26
10-05-27
Unit
mm
max
nom
min
1.00
0.85
0.80
0.05
0.02
0.00
0.2
9.1
9.0
8.9
5.25
5.10
4.95
0.19
0.14
0.09
9.1
9.0
8.9
5.25
5.10
4.95
0.50
0.45
0.40
0.5
0.4
0.3
0.25
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN64: plastic thermal enhanced very thin quad flat package; no leads;
64 terminals; body 9 x 9 x 0.85 mm
SOT804-4
A1
b
0.30
0.21
0.18
c
D(1)
Dh
Ds
0.1
0.05 0.05
v
w
y
0.1
y1
Dt
0.50
0.45
0.40
E(1)
Eh
Es
0.19
0.14
0.09
Et
e
0.5
e1
7.5
e2
7.5
L
L1
0.25
L2
0
2.5
5 mm
scale
terminal 1
index area
B
A
D
E
C
y
C
y1
X
detail X
A
c
A1
Dh
Ds
Dt
Eh
Es
Et
L
L1
L2
b
e2
e1
e
e
1/2 e
1/2 e
A
C
B
v
C
w
terminal 1
index area
17
32
64
49
48
33
1
16
Figure 25. Mechanical dimensions of the RF112L0H
Package information
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
42
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com