| Electronic Components Datasheet Search |
|
RF226AP Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
RF226AP Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 46 page ![]() The observation receiver chains are identical to the main receive chains, but they have their own completely independent synthesizers. The two RO1 receivers (LB and HB) share synthesizer and baseband, and can, hence, not be used concurrently. The observation receiver synthesizers are kept running all the time. The TRX receivers and the two observation receivers can be run at exactly the same LO frequency, so that the transceiver can be used in 1x3 and 1x4 MIMO configuration, but with reduced performance. The analog filter bandwidths of the two TRX receivers are always the same. However, the bandwidth selection of the receivers and transmitters are completely independent. The bandwidth setting of the observation receivers are independent of both the TRX receivers and transmitters and of the other observation receiver. Below is the RF112L0H block diagram of the Transceiver digital controller: aaa-037481 COMMAND IF OTP INCL. CTRL. WDOG ASP PROGRAM RAM PMEM ACCESS PAD CONTROL DBG DBG ASP TOP XBUS M4 S6 M1 M2 S3 S4 S5 CORDIC lin2log/log2lin P D1 D2 BIST halt dbg data RAM-1 ENABLE COUNTER A ENABLE COUNTER B REGISTER MAP RSBUS MASTER FREQ COUNT AUX ADC CGU ANALOG 40/160 MHz RSBUS SLAVES ∑ MODULATOR (TRX SYNTH) ∑ MODULATOR (OBS1 SYNTH) ∑ MODULATOR (OBS2 SYNTH) RX/TX gain RSSI data 4x2 bits GAIN RSSI DECODER go M3 S1 S2 APB I2C APB APB GO-PULSE GENERATOR TIMER A TIMER B JTAG LVDS LVDS PINMUX APB LLCP INT APB BIST BIST data RAM-2 4 4 Figure 3. RF112L0H Digital Block Diagram Introduction RF112L0H Transceiver Data Sheet, Rev. A, 12/2020 6 Preliminary NXP Semiconductors Confidential Proprietary |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |