Electronic Components Datasheet Search
  English  ▼

X  

RF226AP Datasheet(PDF) 41 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 37Page - NXP Semiconductors RF226AP Datasheet HTML 38Page - NXP Semiconductors RF226AP Datasheet HTML 39Page - NXP Semiconductors RF226AP Datasheet HTML 40Page - NXP Semiconductors RF226AP Datasheet HTML 41Page - NXP Semiconductors RF226AP Datasheet HTML 42Page - NXP Semiconductors RF226AP Datasheet HTML 43Page - NXP Semiconductors RF226AP Datasheet HTML 44Page - NXP Semiconductors RF226AP Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Table 16. Temperature sensor specification (continued)
Parameter
Conditions
Min
Typ
Max
Unit
50°C (571 mV)
606
LSB
27°C (531 mV)
-5
LSB
-40°C (414 mV)
-1786
LSB
Relative accuracy
Temperature
change..
±2
° C
4 Package information
4.1 Mechanical dimensions
The target package is a single row 64-pin extended lead QFN with 0.5mm pitch. This
table shows the package specification of the chip.
Table 17. Package specification
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Number of pins
64 + Flag as
ground
Pin pitch
0.5
mm
Thermal resistance Junction to case.
0.9
K/W
Junction to ambient
for a device
soldered in a 4-
layer 2S2P circuit
board with large
ground plane. No
forced air flow.
25
K/W
This figure shows the mechanical dimensions and bottom surface nomenclature of the
chip.
Package information
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
NXP Semiconductors
Preliminary
41
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com