Electronic Components Datasheet Search
  English  ▼

X  

RF226AP Datasheet(PDF) 31 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 27Page - NXP Semiconductors RF226AP Datasheet HTML 28Page - NXP Semiconductors RF226AP Datasheet HTML 29Page - NXP Semiconductors RF226AP Datasheet HTML 30Page - NXP Semiconductors RF226AP Datasheet HTML 31Page - NXP Semiconductors RF226AP Datasheet HTML 32Page - NXP Semiconductors RF226AP Datasheet HTML 33Page - NXP Semiconductors RF226AP Datasheet HTML 34Page - NXP Semiconductors RF226AP Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
TRX:
fVCO =
19200.0 -
24000.0
MHz
RO1
HB RO1
HB RO2
LB RO1
fVCO/2
fVCO/4
fVCO/2
3VCO/2
5fVCO/2
7fVCO/2
9fVCO/2
2fVCO
3fVCO
4fVCO
5fVCO
fVCO
5fVCO/8
5fVCO/4
3fVCO/2
7fVCO/4
9fVCO/4
5fVCO/2
11fVCO/4
13fVCO/4
fVCO/2
2fVCO
fVCO
3fVCO/2
fVCO/4
3fVCO/8
fVCO/2
fVCO/8
LB
HB
2fVCO
3fVCO
5fVCO/2
fVCO
fVCO =
3200.0 -
4000.0
MHz
RO2
fVCO =
1960.0 -
2400.0
MHz
0
1000
3000
4000
5000
6000
Frequency (MHz)
7000
8000
9000
10000
11000
2000
aaa-037093
3fVCO/4
Figure 17. Graphical illustration of the frequency planning. Y-axis has no relevance.
The synthesizer reference frequency, typically 160.0 MHz, is generated by multiplying
the crystal oscillator clock at 40 MHz by 4 using a DLL. The crystal oscillator can either
drive its own crystal or receive an external clock input - either as a sinusoidal signal or a
0.9 V CMOS signal.
The LVDS interface can be used to either input a 160 MHz reference clock, to be used
instead of the crystal oscillator clock, or to output a 160 MHz reference clock, to be used
by other chips, see below Figure 18 . The 160 MHz clock cannot be used to start up the
chip, to reset and configure the transceiver a 40 MHz clock must be input through or
generated by the crystal.
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
NXP Semiconductors
Preliminary
31
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com