Electronic Components Datasheet Search
  English  ▼

X  

RF226AP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 5Page - NXP Semiconductors RF226AP Datasheet HTML 6Page - NXP Semiconductors RF226AP Datasheet HTML 7Page - NXP Semiconductors RF226AP Datasheet HTML 8Page - NXP Semiconductors RF226AP Datasheet HTML 9Page - NXP Semiconductors RF226AP Datasheet HTML 10Page - NXP Semiconductors RF226AP Datasheet HTML 11Page - NXP Semiconductors RF226AP Datasheet HTML 12Page - NXP Semiconductors RF226AP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Table 2. Pinout list by bus (continued)
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
RXBB1_OUT_Q_N
Base band Q output negative
differential signal of received
channel 1
9
O
VDD_TRX1
RXBB1_OUT_Q_P
Base band Q output positive
differential signal of received
channel 1
10
O
VDD_TRX1
Receiver Channel 2
RX2_LB_IN
Low band input Receiver
Channel 2 received signal
44
I
VDD_TRX2
RX2_MB_IN
Medium band input Receiver
Channel 2 received signal
46
I
VDD_TRX2
RX2_HB_IN
High band input Receiver
Channel 2 received signal
48
I
VDD_TRX2
RXBB2_OUT_I_N
Base band I output negative
differential signal of received
channel 2
41
O
VDD_TRX2
RXBB2_OUT_I_P
Base band I output positive
differential signalof received
channel 2
42
O
VDD_TRX2
RXBB2_OUT_Q_N
Base band Q output negative
differential signal of received
channel 2
40
O
VDD_TRX2
RXBB2_OUT_Q_P
Base band Q output positive
differential signal of received
channel 2
39
O
VDD_TRX2
Transmit Channel 1
TX1_LB_OUT
Transmit low band output
16
O
VDD_TRX1
TX1_MB_OUT
Transmit Medium band output
14
O
VDD_TRX1
TX1_HB_OUT
Transmit high band output
12
O
VDD_TRX1
TXBB1_IN_Q_P
Base band Q input positive
differential transmit signal
20
I
VDD_TRX1
TXBB1_IN_I_P
Base band I input positive
differential transmit signal
17
I
VDD_TRX1
TXBB1_IN_I_N
Base band I input negative
differential transmit signal
18
I
VDD_TRX1
TXBB1_IN_Q_N
Base band Q input negative
differential transmit signal
19
I
VDD_TRX1
Transmit Channel 2
TX2_LB_OUT
Transmit low band output
33
O
VDD_TRX2
TX2_MB_OUT
Transmit Medium band output
35
O
VDD_TRX2
TX2_HB_OUT
Transmit high band output
37
O
VDD_TRX2
TXBB2_IN_Q_P
Base band Q input positive
differential transmit signal
29
I
VDD_TRX2
Table continues on the next page...
Pin assignments
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
NXP Semiconductors
Preliminary
9
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com