Electronic Components Datasheet Search
  English  ▼

X  

RF226AP Datasheet(PDF) 36 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 32Page - NXP Semiconductors RF226AP Datasheet HTML 33Page - NXP Semiconductors RF226AP Datasheet HTML 34Page - NXP Semiconductors RF226AP Datasheet HTML 35Page - NXP Semiconductors RF226AP Datasheet HTML 36Page - NXP Semiconductors RF226AP Datasheet HTML 37Page - NXP Semiconductors RF226AP Datasheet HTML 38Page - NXP Semiconductors RF226AP Datasheet HTML 39Page - NXP Semiconductors RF226AP Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
aaa-037098
IDLE
GENERATOR
gain_data
APB
SLAVE
MUX
BASEBAND SoC LLCP INTERFACE
RF112L0H LLCP INTERFACE
READ RESP
OR
READ
RSSI
STREAM
8b10b
DECODER
DATA
STROBE
DECODER
8b10b
ENCODER
DATA
STROBE
ENCODER
DOUT
640 Msps
320 Msps
DIN
SOUT
DOUT
SOUT
DIN
SIN
SIN
AXIQ
STREAM
IDLE
GENERATOR
MUX
8b10b
ENCODER
8b10b
DECODER
COMMAND
INTERPRETER
AND
GENERATOR
DATA
STROBE
ENCODER
DATA
STROBE
DECODER
APB
MASTER
RSSI DATA
COLLECTOR
Figure 21. LLCP communication interface
This section shows the electricl LCCP characteristics
3.7.1.1 LLCP DC electrical characteristics
This table provides the DC electrical characteristics for the LLCP interface.
Table 12. LLCP DC electrical characteristics (VDD_DIG_IO = 1.8V)1
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Output Differential Voltage
Vod
250.0
350.0
450.0
mV
2, 3
High-level output voltage
Voh
1.25
1.375
1.6
V
3
Low-level output voltage
Vol
0.9
1.025
1.25
V
3
Output common mode voltage
Vocm
1.125
1.2
1.375
V
3
Input Differential Voltage
Vid
100.0
-
600.0
mV
2, 5
Input common mode voltage
Vicm
0.05
-
1.57
V
5
1. For recommended operating conditions, seeTable 4 .
2. | Vpadp-Vpadn |
3. Test condition: Rload=100Ohm between padp and padn
4. Test condition: Vin = ovdd or 0.
5. See figure "LLCP Input Waveform" .
3.7.1.2 LLCP AC Timing Specifications
This table provides the LLCP AC electrical characteristics for LLCP interface.
Table 13. LLCP AC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Output Transition time Low to High
Ttlh
0.12
0.58
ns
1, 2, 4
Output Transition time High to Low
Tthl
0.1
0.73
ns
1, 2, 4
Receive rate
-
-
640
Mbps
Table continues on the next page...
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
36
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com