Electronic Components Datasheet Search
  English  ▼

X  

RF226AP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 6Page - NXP Semiconductors RF226AP Datasheet HTML 7Page - NXP Semiconductors RF226AP Datasheet HTML 8Page - NXP Semiconductors RF226AP Datasheet HTML 9Page - NXP Semiconductors RF226AP Datasheet HTML 10Page - NXP Semiconductors RF226AP Datasheet HTML 11Page - NXP Semiconductors RF226AP Datasheet HTML 12Page - NXP Semiconductors RF226AP Datasheet HTML 13Page - NXP Semiconductors RF226AP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Table 2. Pinout list by bus (continued)
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
TXBB2_IN_I_P
Base band I input positive
differential transmit signal
32
I
VDD_TRX2
TXBB2_IN_I_N
Base band I input negative
differential transmit signal
31
I
VDD_TRX2
TXBB2_IN_Q_N
Base band Q input negative
differential transmit signal
30
I
VDD_TRX2
Power
VDD_TRX1
Channel 1 transceiver supply
2, 4, 6,
11,13, 15
-
-
VDD_TRX2
Channel 2 transceiver supply
47, 45, 43,
38,36, 34
-
-
VDD_PROG
Programming supply
64
-
-
VDD_DIG_IO
Digital IO supply
56
-
-
VDD_DIG_CORE
Digital Core supply
57
-
-
VDD_SYNTH
Synthesizer supply
21
-
-
VDD_AUX
Aux supply
28
-
-
Ground
GND
Ground
65
-
-
1
1. The 65th pin serves as a ground and thermal pad
2. Application requires pull-down 10+/-1% KOhm resistor.
3. This pin can be left unconnected since they are configured as inputs with internal pull-down at reset.
4. In normal mode should be pulled to ground.
5. A 100 Ohms resistor should be placed between this pad and the other polarity pad.
3 Electrical characteristics
This section describes the DC and AC electrical specifications for the chip. The chip is
currently targeted to these specifications, some of which are independent of the I/O cell
but are included for a more complete reference. These are not purely I/O buffer design
specifications.
3.1 Overall DC electrical characteristics
This section describes the ratings, conditions, and other characteristics.
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
10
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com