Electronic Components Datasheet Search
  English  ▼

X  

RF226AP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 16Page - NXP Semiconductors RF226AP Datasheet HTML 17Page - NXP Semiconductors RF226AP Datasheet HTML 18Page - NXP Semiconductors RF226AP Datasheet HTML 19Page - NXP Semiconductors RF226AP Datasheet HTML 20Page - NXP Semiconductors RF226AP Datasheet HTML 21Page - NXP Semiconductors RF226AP Datasheet HTML 22Page - NXP Semiconductors RF226AP Datasheet HTML 23Page - NXP Semiconductors RF226AP Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Table 8. Receiver specification (continued)
Parameter
Conditions
Min
Typ
Max
Unit
Resolution of RX
DC offset comp. at
output
Maximum
baseband gain
± 5
mV
DC offset at output
after calibration
Maximum gain
Measurement
bandwidth ≤ 10 kHz
-50
50
mV
Rx image rejection
ratio
Uncalibrated
25
dB
RSSI
RSSI thresholds
referred to the 1dB compression point (CP1dB)
High threshold
-6
dBc
Middle threshold
-15
dBc
Low threshold
-24
dBc
RSSI accuracy
+/-3.2
dB
RSSI sample rate
Configurable
10/20
MSps
General
EVM degradation
due to Rx spurious
signal
Degradation
compared to
neighboring
channel.
RF level chosen to
give -30dB EVM
with maximum gain
for neighboring
channel.
40 MHz channel
bandwidth.
3
dB
Rx RF pin isolation See Table 10
3.4 Transmitter specification
The transmitter consists of a high band and a low band RF chain with shared baseband
reconstruction filter, see figure below.
A fifth order Butterworth reconstruction filter suppresses the DAC alias signals, the filter
bandwidth needs to be calibrated by the baseband chip. The baseband signal is then up-
converted and amplified. The LO leakage depends on the DC offset and needs to be
minimized by DC offset compensation of the digital signal in the baseband. The TX gain
can be adjusted at several places and most of the gain control is done at RF to ensure that
the LO leakage remains low for all output power levels.
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
20
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com