Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33989
FUNCTIONAL DEVICE OPERATION
RESET AND WATCHDOG PINS, SOFTWARE WATCHDOG OPERATIONS
Figure 10. Reset and Watchdog Functions Diagram in Modes 1 and 2
WAKE-UP CAPABILITIES
Several wake-up capabilities are available for the device
when it is in Sleep, or Stop modes. When a wake-up has
occurred, the wake-up event is stored into the WUR or CAN
registers. The MCU can then access to the wake-up source.
The wake-up options are able to be selected through the SPI
while the device is in Normal or Standby mode and prior to
entering low power mode (Sleep or Stop mode). When a
wake-up occurs from sleep mode the device activates VDD1.
It generates an interrupt if wake-up occurs from Stop mode.
WAKE-UP FROM WAKE-UP INPUTS (L0:L3)
WITHOUT CYCLIC SENSE
The wake-up lines are dedicated to sense external switch
states and if changes occur to wake-up the MCU (in Sleep or
Stop modes). The wake-up pins are able to handle 40 V DC.
The internal threshold is 3.0 V typical and these inputs can be
used as an input port expander. The wake-up inputs state are
read through SPI (register WUR).
In order to select and activate direct wake-up from the LX
inputs, the WUR register must be configured with the
appropriate level sensitivity. Additionally, the LPC register
must be configured with 0x0 data (bits LX2HS1and
HS1AUTO are set at 0).
Level sensitivity is selected by WUR register. Level
sensitivity is configured by a pair of Lx inputs: L0 and L1 level
sensitivity are configured together while L2 and L3 are
configured together.
CYCLIC SENSE WAKE-UP (CYCLIC SENSE TIMER
AND WAKE-UP INPUTS L0, L1, L2, L3)
The SBC can wake-up upon state change of one of the
four wake-up input lines (L0, L1, L2 and L3) while the external
pull-up or pull down resistor of the switches associated to the
wake-up input lines are biased with HS1 VSUP switch. The
HS1 switch is activated in Sleep or Stop modes from an
internal timer. Cyclic Sense and Forced Wake-up are
exclusive. If Cyclic Sense is enabled the forced wake-up can
not be enabled.
In order to select and activate the cyclic sense wake-up
from the Lx inputs the WUR register must be configured with
the appropriate level sensitivity, and the LPC register must be
configured with 1xx1 data (bit LX2HS1 set at 1 and bit
HS1AUTO set at 1). The wake-up mode selection (direct or
cyclic sense) is valid for all 4 wake-up inputs.
FORCED WAKE-UP
The SBC can wake-up automatically after a predetermined
time spent in Sleep or Stop mode. Cyclic sense and Forced
wake-up are exclusive. If Forced wake-up is enabled (FWU
bit set to 1 in LPC register) the Cyclic Sense can not be
enabled.
CAN INTERFACE WAKE-UP
The device incorporates a high-speed 1MBaud CAN
physical interface. Its electrical parameters for the CANL,
CANH, RX and TX pins are compatible with ISO 11898
specification (IS0 11898: 1993(E)). The control of the CAN
physical interface operation is accomplished through the SPI.
CAN modes are independent of the SBC operation modes.
The device can wake-up from a CAN message if the CAN
wake-up is enabled. Please refer to the CAN module
description for detail of wake-up detection.
SPI WAKE-UP
The device can wake-up by the CS pin in Sleep or Stop
modes. Wake-up is detected by the CS pin transition from low
to a high level. In Stop mode, this corresponds with the
condition where the MCU and SBC are in Stop mode; and
when the application wake-up event comes through the
MCU.
RST
WD
VDD1
SPI
SPI CS
Watchdog Timeout
Watchdog
Watchdog
Period
WD Clear
MODE 1
RST
MODE 2
Register
Addressed
WD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com