Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 66Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
65
33989
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
4.91
7/2002
• Released XC33989: Motorola Format
5.0
8/2005
• Changed document to Freescale format
• Added New Orderable Part Number
• Maximum Rating Table; Added CANH, CANL and ESD ratings
• Static Electrical Characteristics - Table 3
• POWER INPUT (VSUP): (ISUP(STOP2); Max rating changed from 410 to 210 µA)
• POWER OUTPUT(VDD1): VDD1OUT Min rating changed from 4.0 to 4.75 V
• Added CAN SUPPLY, CANH and CANL, TX and RX ratings
• Dynamic Electrical Characteristics - Table 4
• STATE MACHINE TIMING (CS, SCLK, MOSI, MISO, WD, INT): CSFWU7 max rating
changed from 248 to 128 ms
• Added CAN MODULE-SIGNAL EDGE RISE AND FALL TIMES (CANH, CANL) ratings
• Revised Application Section
• Added supplemental Application Notes
• Added Thermal Addendum
6.0
9/2005
• Cosmetic corrections
• CS, INT and WD Pins were changed to CS, INT and WD
7.0
11/2005
• Published in error
8.0
11/2005
• Static Electrical Characteristics - Table 3, added new parameter “VDDst-cap” and
Notes 14 and 16, corrected VDD1 output voltage VDD1OUT2 to minimum 4.0 V as
previously published in revision 4.91.
• Dynamic Electrical Characteristics - Table 4, Corrected Max Rating of 248 ms for
Cyclic Sense/FWU Timing 7 CSFWU7 as previously published in revision 4.91
9.0
1/2006
• Dynamic Electrical Characteristics - Table 4,Corrected “Cyclic Sense ON Time”
measurement “Unit” from ms to µs
10.0
6/2006
• Updated to the prevailing Freescale form and style
• Updated from Advance Information to Final documentation
• Removed PC33989EG/R2 and replaced with MCZ33989EG/R2 in the Ordering
Information block
11.0
11/2006
• Replaced the label Logic Inputs with Logic Signals (RX, TX, MOSI, MISO, CS, SCLK,
RST, WD, and INT) on page 4
• Replaced Logic Output Pins with LOGIC Input PINS (MOSI, SCLK, CS) on page 9
• Reviewed labeling for device pins VDD1, RST, INT, CS, VSUP, TX, RX, V2CTRL, V2,
and WD throughout the data sheet, and made corrections as applicable.
12.0
12/2006
• Made changes to Supply Current in Standby Mode (10) (11) on page 6 and Supply Current
in Normal Mode (10) on page 6
• Removed Peak Package Reflow Temperature During Reflow (solder reflow) parameter
from Maximum Ratings on page 4. Added note with instructions to obtain this information
from www.freescale.com.
13.0
3/2007
• Added the EG suffix to the included thermal addendum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com