Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
51
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
Analysis: CAN Frame with 11 Bits of Identifier Field at 1
Figure 42 is the calculation for the TCAN time with only “1”
in the identifier field.
Figure 42. CAN Frame with 11 Bits of Identifier Field at 1
Analysis: CAN Frame with 11 Bits of Identifier Field at 0
Figure 43 is the calculation for the TCAN time with only “0”
in the identifier field.
Figure 43. CAN Frame with 11 Bits of Identifier Field at 0
FAILURE ON V2 SUPPLY, CAN BUS LINES AND TX
PIN
V2LOW
In order to have proper operation of the CAN interface, V2
must be ON. Two case can be considered:
• V2 is connected with an external ballast: in case of a V2
over load condition, the flag V2LOW is set in to the SBC
IOR register. This flag is set when V2 is below the 4 V
typical. An interrupt can also be triggered upon a
V2LOW event. When V2 is low, the CAN interface
cannot operate.
• V2 is connected to V1 (no ballast transistor used): V2
will be supplied by the V1 voltage. In case V1 is in an
undervoltage condition (ex V1 below the V1 under
voltage reset, typ 4.6 V), the device will enter the reset
mode. The V2LOW flag will also be set. In this case, the
reset pin is active, and the MCU will not send or receive
any CAN messages.
TX Permanent Dominant
A TX permanent dominant condition is detected by the
CAN interface and leads to a disable of the CAN driver. The
TX permanent dominant is detected if TX stays in dominant
(TX low) from more than 360
µs typical. The driver is
automatically re-enabled when TX goes to a high level again.
When a TX permanent dominant is detected, a bit is set into
the SPI register, (bit D2 named TXF in the CAN register). This
bit is latched. In order to clear the bit, two conditions are
necessary:
• No longer “TX permanent failure” AND
• CAN register read operation.
An interrupt can be enabled.The GFAIL flag in the MCR
register will also be set.
SOF
5 recessive bits
Stuff bit
5 recessive bits
Stuff bit
1 recessive bit
13 bits are needed to wake-up the SBC.
If the minimum baud rate is used (60 KBaud), TCAN = 16.7 µs*13= 217.1 µs
If 250 KBaud is used: TCAN = 4µs *13= 52 µs
SBC wakes up
TCAN
SOF 4 dominant bits
Stuff bit
5 dominant bits
Stuff bit
17 bits are needed to wake-up the SBC.
If the minimum baud rate is used (60 KBaud), TACN = 16.7 µs*17= 284 µs
If 250 KBaud is used, TCAN = 4µs *17= 68 µs.
2 dominant bits
3 dominant bit if RTR IDE & DLC=0
SBC wakes up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com