Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Analog Integrated Circuit Device Data
42
Freescale Semiconductor
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
Power Up and VDD1 Going Low with Sleep Mode as
Default Low Power Mode Selected
The first part of the graph is the same as the previous
figure. If VDD1 is pulled below the VDD1 under voltage reset
(typ 4.6 V) for instance by an over current or short circuit (ex
short to 4 V), and if the low power mode previously selected
was sleep mode and if the BATFAIL flag has been cleared,
the SBC enters reset mode for a time period of 100 ms. The
pin WD stays high, but the high level (VOH) follows the VDD1
level.The reset and interrupt pins are low. After the 100 ms,
the SBC goes into sleep mode. VDD1 and V2 are off (The
following figure is an example where VDD1 is shorted to 4 V,
and after 100 ms the SBC enters sleep mode.
Figure 25. Power up and VDD1 Going Low with Sleep Mode as Default Low Power Mode Selected
WAKE-UP TIMINGS — SLEEP MODE
The paragraphs below describe the wake-up events from
sleep mode, and the sequence of the signals at the SBC
level. The wake-up time described is the time from the wake-
up event to the SBC reset pin release. The wake-up time is
the sum of several timings: wake-up signal detection, VDD1
regulator start-up and decoupling capacitor charge, and reset
time. At the end of the reset time, the reset pin goes from low
to high and the MCU is ready to start software operations.
LX Wakes up SBC from Sleep Mode
Below is the case where the SBC is in sleep mode and is
awaked by LX positive edge.
Figure 26.
• T1 (LX high level to VDD1 turn on): typ 100 µs.
•T2: VDD1 rising time is dependent on the capacitor and
the load connected to VDD1. It can be approximated by
the capacitor charging time with the regulator output
current limitation: T2 = (C x U)/I. With C = 100 mF,
IDD1 = 200 mA min., U = 5 V so T2 = 2.5 ms).
• T3 (VDD1>RST-TH (4.6 V by default) to reset high):
parameter Rest dur: 4 ms max.
• The total time is 6.6 ms in this example.
CAN Wake-Up
The following case describes the signal for CAN wake up.
Refer to page 49 for more details on CAN wake up signals
and the TCAN analysis.
SBC in R e s e t
m o de
(B A T F A IL fla g
mu s t b e c le a re d )
SB C in Sle e p m o d e
100 ms
S B C in N o rm a l re qu es t
mo d e
SBC in N o rm a l
mo d e
SBC in
R ESE T
mo d e
350 ms
VDD1
SPI (CS)
INT
WD
RST
Reset every 350 ms
Write Watchdog
each X ms
No problem on
Watchdog period
LX
VDD1
RST
t1
t3
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com