Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
47
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
TX and RX Pins
The TX pin has an internal pull up to V2. The state of TX
depends on the V2 status. RX is a push-pull structure,
supplied by V2. When V2 is set at 5V, and CAN is in normal
mode, RX reports the bus status. When V2 is off RX is low.
Normal Mode and Slew Rate Selection
The slew rate selection is done via the SPI. Four slew rates
are available. The slew rate affects the recessive to dominant
and dominant to recessive transitions. This affect is also the
delay time from the TX pin to the bus, and from the bus to RX.
The loop time is thus affected by the slew rate selection.
The following figure is an illustration of the slew rate on
CANH, CANL, TX and RX.
Figure 36. Normal Mode and Slew Rate Selection
Minimum Baud Rate
As TX permanent dominant is detected after TDOUT (min
200 µs), a minimum Baud rate is required in order to get good
behavior: once TX permanent dominant is detected the CAN
driver is off.
The maximum number of consecutive dominant bits in a
frame is 12 (6 bits of active error flag and its echo error flag).
200 µs/12 = 16.7 µs. The minimum Baud rate is 1/6.7 µs =
60 KBaud.
Termination
The MC33989 supports the two main types of bus
termination:
• Differential termination resistors between CANH and
CANL lines.
• Split termination concept, with mid point of the
differential termination connected to gnd through a
capacitor.
Figure 37. Bus Termination
CAN signal with slew rate 0 selected
CAN signal with slew rate 3 selected
R=60 ohms, CL = CH = 100pF
TX
RX
CANH
CANL
RT
Gnd
CAN bus
MC33989
(partial drawing)
TX
RX
CANH
CANL
RT /2
Gnd
CAN bus
MC33989
(partial drawing)
Split termination concept
Differential termination concept
RT /2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com