Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 66Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
Analog Integrated Circuit Device Data
62
Freescale Semiconductor
33989
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
INTRODUCTION
This thermal addendum is provided as a supplement to the MC33989 technical
datasheet. The addendum provides thermal performance information that may be
critical in the design and development of system applications. All electrical,
application, and packaging information is provided in the data sheet.
Packaging and Thermal Considerations
The MC33989 is offered in a 28 pin SOICW, single die package. There is a
single heat source (P), a single junction temperature (TJ), and thermal resistance
(RθJA).
The stated values are solely for a thermal performance comparison of one
package to another in a standardized environment. This methodology is not
meant to and will not predict the performance of a package in an application-
specific environment. Stated values were obtained by measurement and
simulation according to the standards listed below.
Standards
Figure 62. Surface Mount for SOIC Wide Body
non-Exposed Pad
28-PIN
SOICW
33989DWB
DWB SUFFIX
EG SUFFIX (PB-FREE)
98ASB42345B
28-PIN SOICW
Note For package dimensions, refer to
the 33989 device datasheet.
33989EG
TJ
=
RθJA
.
P
Table 36. Thermal Performance Comparison
Thermal Resistance
[
°C/W]
RθJA
(1) (2)
41
RθJB
(2) (3)
10
RθJA
(1) (4)
68
RθJC
(5)
220
Notes
1.
Per JEDEC JESD51-2 at natural convection, still air
condition.
2.
2s2p thermal test board per JEDEC JESD51-7.
3.
Per JEDEC JESD51-8, with the board temperature on the
center trace near the center lead.
4.
Single layer thermal test board per JEDEC JESD51-3.
5.
Thermal resistance between the die junction and the
package top surface; cold plate attached to the package top
surface and remaining surfaces insulated.
28 Terminal SOICW
1.27 mm Pitch
18.0 mm x 7.5 mm Body



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com