Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
Analog Integrated Circuit Device Data
44
Freescale Semiconductor
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
Figure 29. Lx Wake-Up
CAN Wake-Up
The case below describes the signal for CAN wake-up.
Refer to page 49 for more details on CAN wake-up signals
and the TCAN analysis.
Figure 30. CAN Wake-Up
•TCAN
: refer to page 49 for more details.
• T1: Third pulse on CAN to INT pulse: typ 80 µs.
• The total time is 113 µs in this case.
CS Wake-Up
The figure below describes the wake up from a CS signal
transition, while the SBC is in stop mode.
Figure 31. CS Wake-Up
•T1: CS rising edge to INT pulse: typ 60 µs.
• The total time is 133 µs in this case.
Overcurrent Wake-Up
The following figure describes the signal when an
overcurrent is detected at VDD1. A VDD1 overcurrent condition
will lead to a wake-up from stop mode.
L0
INT
SBC ready to accept SPI command.
t1
Wake-up signalled to MCU.
tINT + tS-1STSPI (33µs max)
tINT + tS-1STSPI (33µs max)
CAN
INT
t1
SBC ready to accept SPI command.
Wake-up signalled to MCU.
tCAN
CS
INT
T1
SBC ready to accept SPI command.
Wake-up signalled to MCU.
tINT + tS-1STSPI (33µs max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com